Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT202 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # INT202
Description  Low-side Drive and High-side Control for Simultaneous Conduction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT202 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  INT202 Datasheet HTML 1Page - Power Integrations, Inc. INT202 Datasheet HTML 2Page - Power Integrations, Inc. INT202 Datasheet HTML 3Page - Power Integrations, Inc. INT202 Datasheet HTML 4Page - Power Integrations, Inc. INT202 Datasheet HTML 5Page - Power Integrations, Inc. INT202 Datasheet HTML 6Page - Power Integrations, Inc. INT202 Datasheet HTML 7Page - Power Integrations, Inc. INT202 Datasheet HTML 8Page - Power Integrations, Inc. INT202 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 1996
INT202
Low-side Driver IC
Low-side Drive and High-side Control
for Simultaneous Conduction
Product Highlights
5 V CMOS Compatible Control Inputs
• Combines logic inputs for low and high-side drives
• Schmidt-triggered inputs for noise immunity
Built-in High-voltage Level Shifters
• Integrated level shifters simplify high-side interface
• Can withstand up to 800 V for direct interface to the
INT201 high-side driver
• Pulsed high-voltage level shifters reduce power
consumption
Gate Drive Output for an External MOSFET
• Provides 300 mA sink/150 mA source current
• Can drive MOSFET gate at up to 15 V
• External MOSFET allows flexibility in design for various
motor sizes
Built-in Protection Features
• UV lockout
Description
The INT202 Low-side driver IC provides gate drive for an
external low-side MOSFET switch and high-side level shifting.
When used in conjunction with the INT201 high-side driver, the
INT202 provides a simple, cost-effective interface between
low-voltage control logic and high-voltage loads. The INT202
is designed to be used with rectified 110 V or 220 V supplies.
Both high side and low side switches can be controlled
independently from ground-referenced 5 V logic inputs on the
low side driver.
Pulsed level shifting saves power and provides enhanced noise
immunity. The circuit is powered from a nominal 15 V supply
to provide adequate gate drive for external N-channel MOSFETs.
Applications include switched reluctance motor drives. The
INT202 can also be used to implement multi-phase
configurations.
The INT202 is available in 8-pin plastic DIP and SOIC packages.
®
ORDERING INFORMATION
PART
PACKAGE
ISOLATION
NUMBER
OUTLINE
VOLTAGE
INT202PFI1
PO8A
600 V
INT202TFI1
TO8A
600 V
INT202PFI2
PO8A
800 V
INT202TFI2
TO8A
800 V
Figure 2. Pin Configuration.
Figure 1. Typical Application
HSD2
HS IN
PI–539–091191
COM
8
5
7
6
N/C
LS IN
LS OUT
1
4
2
3
VDD
HSD1
HV
HS IN
LS IN
INT201
INT202
PI-1765-020296
VDD
LOAD


Similar Part No. - INT202

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI1 POWERINT-INT200PFI1 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200PFI2 POWERINT-INT200PFI2 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI1 POWERINT-INT200TFI1 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
INT200TFI2 POWERINT-INT200TFI2 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
More results

Similar Description - INT202

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT100 POWERINT-INT100 Datasheet
94Kb / 12P
Low-Side and High-side Drive with Simultaneous Conduction Lockout
INT200 POWERINT-INT200 Datasheet
95Kb / 12P
Low-side Drive and High-side Control with Simultaneous Conduction Lockout
logo
Toshiba Semiconductor
TPD1028AS TOSHIBA-TPD1028AS Datasheet
244Kb / 7P
Low-side switch for motor, solenoid and lamp drive
TPD1037BS TOSHIBA-TPD1037BS_07 Datasheet
180Kb / 8P
Low-Side Switch for Motor, Solenoid and Lamp Drive
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com