Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT202 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # INT202
Description  Low-side Drive and High-side Control for Simultaneous Conduction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT202 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button INT202 Datasheet HTML 2Page - Power Integrations, Inc. INT202 Datasheet HTML 3Page - Power Integrations, Inc. INT202 Datasheet HTML 4Page - Power Integrations, Inc. INT202 Datasheet HTML 5Page - Power Integrations, Inc. INT202 Datasheet HTML 6Page - Power Integrations, Inc. INT202 Datasheet HTML 7Page - Power Integrations, Inc. INT202 Datasheet HTML 8Page - Power Integrations, Inc. INT202 Datasheet HTML 9Page - Power Integrations, Inc. INT202 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INT202
F
2/96
6
I
o= -20 mA
I
o= 40 mA
V
o= 0V
See Note 1
V
o= VDD
See Figure 6
See Figure 6
See Figure 6
See Figure 6
See Figure 7
See Figure 7
See Note 2
V
DD-1.0
V
DD-0.5
0.3
1.0
-150
300
0.6
1.0
80
120
0.5
1
50
100
0.3
1
0.3
1
8.5
9.0
10
175
350
1.5
3.0
10
16
V
OH
V
OL
I
OS
t
d(on)
t
r
t
d(off)
t
f
Mt
P+
Mt
P-
V
DD(UV)
I
DD
V
DD
V
V
mA
µs
ns
µs
ns
µs
µs
V
mV
mA
V
6
LS OUT
Output Voltage
High
Output Voltage
Low
Output Short
Circuit Current
Turn-on Delay
Time
Rise
Time
Turn-off Delay
Time
Fall
Time
Matching (Low
On to High On)
Matching (Low Off
to High Off)
Input UV
Trip-off Voltage
Input UV
Hysteresis
Supply
Current
Supply
Voltage
SYSTEM RESPONSE
UNDERVOLTAGE LOCKOUT
SUPPLY
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DD= 15 V, COM = 0V
T
A = -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com