Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 1 Page - Linear Technology

  LT1367CS Datasheet HTML 1Page - Linear Technology LT1367CS Datasheet HTML 2Page - Linear Technology LT1367CS Datasheet HTML 3Page - Linear Technology LT1367CS Datasheet HTML 4Page - Linear Technology LT1367CS Datasheet HTML 5Page - Linear Technology LT1367CS Datasheet HTML 6Page - Linear Technology LT1367CS Datasheet HTML 7Page - Linear Technology LT1367CS Datasheet HTML 8Page - Linear Technology LT1367CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
Typical applicaTion
FeaTures
DescripTion
Dual and Quad Precision
Rail-to-Rail Input and Output
Op Amps
The LT®1366/LT1367/LT1368/LT1369 are dual and quad
bipolaropampswhichcombinerail-to-railinputandoutput
operation with precision specifications. These op amps
maintain their characteristics over a supply range of 1.8V
to 36V. Operation is specified for 3V, 5V and ±15V supplies.
Input offset voltage is typically 150µV, with an open-loop
gain AVOL of 1 million while driving a 10k load. Common
mode rejection is typically 90dB over the full rail-to-rail
input range, and supply rejection is 110dB.
The LT1366/LT1367 have conventional compensation
which assures stability for capacitive loads of 1000pF or
less.TheLT1368/LT1369havecompensationthatrequires
a 0.1µF output capacitor, which improves the amplifier’s
supply rejection and reduces output impedance at high
frequencies.Theoutputcapacitor’sfilteringactionreduces
high frequency noise, which is beneficial when driving
A/D converters.
The LT1366/LT1368 are available in plastic 8-pin PDIP
and 8-lead SO packages with the standard dual op amp
pinout. The LT1367/LT1369 feature the standard quad
pinout, which is available in a plastic 14-lead SO package.
These devices can be used as plug-in replacements for
many standard op amps to improve input/output range
and precision.
Positive Supply Rail Current Sense
applicaTions
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Low Input Offset Voltage: 150µV
n
High Common Mode Rejection Ratio: 90dB
n
High AVOL: >1V/µV Driving 10k Load
n
Low Input Bias Current: 10nA
n
Wide Supply Range: 1.8V to ±15V
n
Low Supply Current: 375µA per Amplifier
n
High Output Drive: 30mA
n
400kHz Gain-Bandwidth Product
n
Slew Rate: 0.13V/µs
n
Stable for Capacitive Loads Up to 1000pF
n
Rail-to-Rail Buffer Amplifiers
n
Low Voltage Signal Processing
n
Supply Current Sensing at Either Rail
n
Driving A/D Converters
L
, LT, LTC, LTM, Over-The-Top, Linear Technology and the Linear logo are registered
trademarks and C-Load is a trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
LOAD CURRENT (mA)
0.001
0.1
1
10
1366 TA02
0.01
1000
100
10
1
POSITIVE
RAIL
NEGATIVE
RAIL
Output Saturation Voltage vs Load Current
+
1/2 LT1366
R1
200
1366 TA01
LOAD
ILOAD
Rs
0.2
R2
20k
Q1
TP0610L
VCC
VO = ILOAD • RS
= ILOAD • 20
( )
+
1/2 LT1366
R2
R1


Similar Part No. - LT1367CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1367CS LINER-LT1367CS Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1367CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com