Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1367CS Datasheet HTML 6Page - Linear Technology LT1367CS Datasheet HTML 7Page - Linear Technology LT1367CS Datasheet HTML 8Page - Linear Technology LT1367CS Datasheet HTML 9Page - Linear Technology LT1367CS Datasheet HTML 10Page - Linear Technology LT1367CS Datasheet HTML 11Page - Linear Technology LT1367CS Datasheet HTML 12Page - Linear Technology LT1367CS Datasheet HTML 13Page - Linear Technology LT1367CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1366/LT1367
LT1368/LT1369
0
1366fb
Typical perForMance characTerisTics
Capacitive Load Handling
(LT1366/LT1367)
Overshoot vs Load Current
(LT1368/LT1369)
Overshoot vs Load Current
(LT1368/LT1369)
Slew Rate vs Supply Voltage
Warm-Up Drift vs Time
THD + Noise vs
Peak-to-Peak Voltage
Gain-Bandwidth and Phase
Margin vs Supply Voltage
(LT1366/LT1367)
Channel Separation vs Frequency
Open-Loop Gain
(The data presented here applies to the LT1366/LT1367/LT1368/LT1369 unless otherwise noted.)
SUPPLY VOLTAGE (V)
0
0
100
150
200
250
300
350
5
10
15
20
LT1366 TPC19
25
400
450
500
50
0
12
18
24
30
36
42
48
54
60
6
30
GBW
PHASE MARGIN
FREQUENCY (Hz)
–120
–100
–90
–70
–50
10
1k
10k
LT1366 TPC20
–140
–150
100
–80
–110
–130
–60
VS = ±15V
VOUT = ±1VP-P
RL = 2k
LT1368/LT1369
LT1366/LT1367
OUTPUT VOLTAGE (V)
–20
0
5
10
20
LT1366 TPC21
–5
–10
–20
–10
0
10
–15
20
15
–15
–5
5
15
RL = 2k
VS = ±15V
RL = 10k
CAPACITIVE LOAD (pF)
20
40
60
80
10
1k
10k
100k
LT1366 TPC22
0
100
50
30
10
70
VS = 5V, 0V
AV = 5
AV = 1
AV = 10
LOAD CURRENT (mA)
–10
0
10
20
30
40
50
60
–5
0
5
10
LT1366 TPC23
CL = 0.22µF
VS = ±2.5V
AV = 1
CL = 0.1µF
CL = 0.047µF
LOAD CURRENT (mA)
–10
0
10
20
30
40
50
60
–5
0
5
10
LT1366 TPC24
CL = 0.22µF
VS = ±15V
AV = 1
CL = 0.1µF
CL = 0.047µF
TOTAL SUPPLY VOLTAGE (V)
0
0.10
0.14
0.20
8
16 20
36
LT1366 TPC25
0.12
0.18
0.16
4
12
24 28 32
AV = –1
TIME AFTER POWER-UP (SEC)
0
40
80
120
LT1366 TPC26
0
–40
–80
30
60
90
150
20
60
–20
–60
105
15
45
75
135
N8 PACKAGE
VS = ±15V
N8 PACKAGE
VS = ±2.5V
S8 PACKAGE
VS = ±15V
S8 PACKAGE
VS = ±2.5V
VIN(P-P) (V)
0.01
0.1
1
10
0
2
3
4
0.001
1
5
LT1366 TPC27
f = 1kHz
RL = 10k
(ALL CURVES)
VS = ±1.5V
AV = 1
VS = ±1.5V
AV = –1
VS = ±2.5V
AV = 1
VS = ±2.5V
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com