Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1367CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1367CS
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1367CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1367CS Datasheet HTML 10Page - Linear Technology LT1367CS Datasheet HTML 11Page - Linear Technology LT1367CS Datasheet HTML 12Page - Linear Technology LT1367CS Datasheet HTML 13Page - Linear Technology LT1367CS Datasheet HTML 14Page - Linear Technology LT1367CS Datasheet HTML 15Page - Linear Technology LT1367CS Datasheet HTML 16Page - Linear Technology LT1367CS Datasheet HTML 17Page - Linear Technology LT1367CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
Precision Low Dropout Regulator
Microprocessors and complex digital circuits frequently
specify tight control of power supply characteristics. The
circuitshowninFigure6providesaprecise3.6V,1Aoutput
from a minimum 3.8V input voltage. The circuit’s nominal
operating voltage is 4.75V ±5%. The voltage reference
and resistor ratios determine output voltage accuracy,
while the LT1366’s high gain enforces 0.2% line and load
regulation. Quiescent current is about 1mA and does not
change appreciably with supply or load. All components
are available in surface mount packages.
The regulator’s main loop consists of A1 and a logic-level
FET, Q1. The output is fed back to the op amp’s positive
input because of the phase inversion through Q1. The
regulator’s frequency response is limited by Q1’s roll-off
and the phase lead introduced by the output capacitor’s
effective series resistance (ESR). Two pole-zero networks
compensate for these effects. The pole formed with R5
and C2 rolls off the gain set with the feedback network,
while the pole formed with R7 and C3 rolls off A1’s gain
directly, which is the dominant influence on settling time.
The zeros formed with R6 and C2, and R8 and C3 provide
phaseboostneartheunity-gaincrossover,whichincreases
Typical applicaTions
the regulator’s phase margin. Although not directly part
of the compensation, R9 decouples the op amp’s output
from Q1’s large gate capacitance.
A second loop provides a foldback current limit. A2 com-
pares the sense voltage across R1 with 50mV referenced
to the positive rail. When the sense voltage exceeds the
reference, A2’s output drives Q1’s gate positive via A1.
In current limit, the output voltage collapses and the
current limit LED (D1) turns on causing about 30mV to
drop across R3. A2 regulates Q1’s drain current so that
the deficit between the 50mV reference and the voltage
across R3 is made up across the sense resistor. The
reduced sense voltage is 20mV, which sets the current
limit to about 400mA. As the supply voltage increases, the
voltage across R3 increases, and the current limit folds
back to a lower level. The current limit loop deactivates
when the load current drops below the regulated output
current. When the supply turns on rapidly, C1 bypasses
the fold back circuit allowing the regulator to start-up into
a heavy load.
Q1 does not require a heat sink. When mounted on a type
FR4 PC board, Q1 has a thermal resistance of 50°C/W. At
1.4W worst-case dissipation, Q1 can operate up to 80°C.
C5
47µF
C4
1µF
C1
10µF
C3
6.8nF
R2
2k
R7
13k
R8
2k
R1
0.05
R3
20
R9
100
VIN = 4.75V ±5%
R4
10k
D1
1.5k
Q1
Si9433DY
10k
38.5k*
D2
1N4148
5k
LT1004-1.2
R5*
20k
C2
6.8nF
R6
6.2k
RMIN**
1k
CLOAD
10µF
VOUT
3.6V
1A
Q2
2N3904
23.2k
4.75V TO 3.6V LDO AT 1A
1% METAL FILM
SET RMIN BASED ON LOAD CHARACTERISTICS
*
**
+
+
+
50mV
A1
1/2 LT1366
A2
1/2 LT1366
0.1µF
LT1366 F06
+
+
+
Figure 6. Precision 3.6V, 1A Low Dropout Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com