Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1117CMPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT1117CMPBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CMPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1117CMPBF Datasheet HTML 8Page - Linear Technology LT1117CMPBF Datasheet HTML 9Page - Linear Technology LT1117CMPBF Datasheet HTML 10Page - Linear Technology LT1117CMPBF Datasheet HTML 11Page - Linear Technology LT1117CMPBF Datasheet HTML 12Page - Linear Technology LT1117CMPBF Datasheet HTML 13Page - Linear Technology LT1117CMPBF Datasheet HTML 14Page - Linear Technology LT1117CMPBF Datasheet HTML 15Page - Linear Technology LT1117CMPBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
12
1117fd
TYPICAL APPLICATIONS
100μF
1117 TA13
D2
1N4002
1000μF
MBR360
–5V
0.5A
–
+
2.4k
510k
1k
30k
20k*
30.1k*
LT1004-2.5
10k
4700μF
MDA201
+
–
(HEAT SINK)
2N6667
(DARLINGTON)
L1
285μH
1/2
LT1018
100μF
1000μF
MBR360
–
+
2.4k
510k
1k
30k
20k*
30.1k*
LT1004-2.5
10k
4700μF
MDA201
+
–
(HEAT SINK)
2N6667
(DARLINGTON)
L1
285μH
1/2
LT1018
D11
1N4002
5V
0.5A
STANCOR
P-8685
130VAC
TO 90VAC
*
MDA
L1
= 1% FILM RESISTORS
= MOTOROLA
= PULSE ENGINEERING, INC. #PE-92106
V+
V–
LT1117-5
IN
GND
OUT
LT1117-5
IN
GND
OUT
Q1
+
+
+
+
+
+
High Efficiency Dual Linear Supply
Low Dropout Negative Supply
100μF
VIN
1117 TA14
VOUT = –5V
10μF
FLOATING INPUT
LT1117-5
IN
GND
OUT
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com