Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1117CMPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT1117CMPBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CMPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1117CMPBF Datasheet HTML 8Page - Linear Technology LT1117CMPBF Datasheet HTML 9Page - Linear Technology LT1117CMPBF Datasheet HTML 10Page - Linear Technology LT1117CMPBF Datasheet HTML 11Page - Linear Technology LT1117CMPBF Datasheet HTML 12Page - Linear Technology LT1117CMPBF Datasheet HTML 13Page - Linear Technology LT1117CMPBF Datasheet HTML 14Page - Linear Technology LT1117CMPBF Datasheet HTML 15Page - Linear Technology LT1117CMPBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
13
1117fd
PACKAGE DESCRIPTION
M Package
3-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1460)
.050
(1.270)
.143
+.012
–.020
()
3.632
+0.305
–0.508
.100
(2.54)
BSC
.013 – .023
(0.330 – 0.584)
.095 – .115
(2.413 – 2.921)
.004
+.008
–.004
()
0.102
+0.203
–0.102
.050 ± .012
(1.270 ± 0.305)
.059
(1.499)
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.330 – .370
(8.382 – 9.398)
.060
(1.524)
TYP
.390 – .415
(9.906 – 10.541)
15°
.300
(7.620)
.075
(1.905)
.183
(4.648)
.060
(1.524)
.060
(1.524)
.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
M (DD3) 0204
.420
.350
.565
.090
.070
.100
.420
.276
.325
.205
.080
.565
.090
.070
.100
RECOMMENDED SOLDER PAD LAYOUT
FOR THICKER SOLDER PASTE APPLICATIONS
RECOMMENDED SOLDER PAD LAYOUT
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
.320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com