Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1117CMPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LT1117CMPBF
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CMPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1117CMPBF Datasheet HTML 8Page - Linear Technology LT1117CMPBF Datasheet HTML 9Page - Linear Technology LT1117CMPBF Datasheet HTML 10Page - Linear Technology LT1117CMPBF Datasheet HTML 11Page - Linear Technology LT1117CMPBF Datasheet HTML 12Page - Linear Technology LT1117CMPBF Datasheet HTML 13Page - Linear Technology LT1117CMPBF Datasheet HTML 14Page - Linear Technology LT1117CMPBF Datasheet HTML 15Page - Linear Technology LT1117CMPBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
14
1117fd
ST Package
3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
PACKAGE DESCRIPTION
.114 – .124
(2.90 – 3.15)
.248 – .264
(6.30 – 6.71)
.130 – .146
(3.30 – 3.71)
.264 – .287
(6.70 – 7.30)
.0905
(2.30)
BSC
.033 – .041
(0.84 – 1.04)
.181
(4.60)
BSC
.024 – .033
(0.60 – 0.84)
.071
(1.80)
MAX
10°
MAX
.012
(0.31)
MIN
.0008 – .0040
(0.0203 – 0.1016)
10° – 16°
.010 – .014
(0.25 – 0.36)
10° – 16°
RECOMMENDED SOLDER PAD LAYOUT
ST3 (SOT-233) 0502
.129 MAX
.059 MAX
.059 MAX
.181 MAX
.039 MAX
.248 BSC
.090
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com