Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP209P
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP209P Datasheet HTML 2Page - Power Integrations, Inc. TOP209P Datasheet HTML 3Page - Power Integrations, Inc. TOP209P Datasheet HTML 4Page - Power Integrations, Inc. TOP209P Datasheet HTML 5Page - Power Integrations, Inc. TOP209P Datasheet HTML 6Page - Power Integrations, Inc. TOP209P Datasheet HTML 7Page - Power Integrations, Inc. TOP209P Datasheet HTML 8Page - Power Integrations, Inc. TOP209P Datasheet HTML 9Page - Power Integrations, Inc. TOP209P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
A
8/97
6
TOP209/210
2
General Circuit Description
Figure 7 shows a low-cost, DC input, flyback switching power
supply using the TOP210 integrated circuit. This 5 V, 4 W
power supply operates from a DC voltage derived from rectified
and filtered AC mains voltage of 85 to 265 VAC. The 5 V
output is indirectly sensed via the primary bias winding. The
output voltage is determined by the TOPSwitch CONTROL pin
shunt regulator voltage (V
C), the voltage drops of rectifiers D2
and D3, and the turns ratio between the bias winding and output
winding of T1. Other output voltages are also possible by
adjusting the transformer turns ratios.
The high voltage DC bus is applied to the primary winding of
T1. Capacitor C1 filters the high voltage supply, and is only
necessary if the connections between the high voltage DC
supply and the TOP210 are long.
The other side of the
transformer primary is driven by the integrated high-voltage
MOSFET within the TOP210. D1 and VR1 clamp the voltage
spike caused by transformer leakage inductance to a safe value
and reduce ringing at the DRAIN of U1. The power secondary
winding is rectified and filtered by D2, C2, L1, and C3 to create
the 5V output voltage. The bias winding is rectified and filtered
by D3, R1 and C5 to create a bias voltage to the TOP210. C5
also filters internal MOSFET gate drive charge current spikes
on the CONTROL pin, determines the auto-restart frequency,
and together with R1, compensates the control loop.
PI-2045-041798
+5 V
RTN
C1
10 nF
400 V
C5
47
µF
10 V
D2
1N5822
D3
1N4148
C2
330
µF
10 V
T1
D1
UF4005
C3
100
µF
10 V
R1
15
VR1
BZY97-
C120
120 V
L1
3.3
µH
CIRCUIT PERFORMANCE:
Line Regulation - –1.5%
(104-370 VDC)
Load Regulation - –5%
(10-100%)
Ripple Voltage –25 mV
+
-
U1
TOP210
2
1
3
4
5
8
DC
INPUT
TRD1
D
S
C
CONTROL
TOPSwitch
Figure 7. Schematic Diagram of a Minimum Parts Count 5 V, 4 W Bias Supply Using the TOP210.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com