Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP209P
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP209P Datasheet HTML 4Page - Power Integrations, Inc. TOP209P Datasheet HTML 5Page - Power Integrations, Inc. TOP209P Datasheet HTML 6Page - Power Integrations, Inc. TOP209P Datasheet HTML 7Page - Power Integrations, Inc. TOP209P Datasheet HTML 8Page - Power Integrations, Inc. TOP209P Datasheet HTML 9Page - Power Integrations, Inc. TOP209P Datasheet HTML 10Page - Power Integrations, Inc. TOP209P Datasheet HTML 11Page - Power Integrations, Inc. TOP209P Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
A
8/97
8
TOP209/210
2
Figure 9. Recommended PC Layout for the TOP209/210.
CONTROL
SOURCE
SOURCE
DRAIN
TOP VIEW
PI-1744-011796
High Voltage
Return
Bias/Feedback
Return
Bypass
Capacitor
Bias/Feedback
Input
TOP210 PFI
Use a Kelvin connection to the SOURCE pin for the CONTROL
pin bypass capacitor as shown in Figure 9.
Minimize peak voltage and ringing on the DRAIN voltage at
turn-off. Use a Zener or TVS Zener diode to clamp the DRAIN
voltage.
Under some conditions, externally provided bias or supply
current driven into the CONTROL pin can hold the TOPSwitch
in one of the 8 auto-restart cycles indefinitely and prevent
starting. Shorting the CONTROL pin to the SOURCE pin will
reset the TOPSwitch. To avoid this problem when doing bench
evaluations, it is recommended that the V
C power supply be
turned on before the DRAIN voltage is applied.
Key Application Considerations
CONTROL pin currents during auto-restart operation are much
lower at low input voltages (< 20 V) which increases the auto-
restart cycle period (see the I
C vs. Drain Voltage Characteristic
curve).
Short interruptions of AC power may cause TOPSwitch to enter
the 8-count auto-restart cycle before starting again. This is
because the input energy storage capacitors are not completely
discharged and the CONTROL pin capacitance has not
discharged below the internal power-up reset voltage (V
C(RESET)).
In some cases, minimum loading may be necessary to keep a
lightly loaded or unloaded output voltage within the desired
range due to the minimum ON-time.
For additional applications information regarding the TOPSwitch
family, refer to AN-14 in the 1996-97 Data Book and Design
Guide or on our Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com