Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP209P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP209P
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP209P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP209P Datasheet HTML 1Page - Power Integrations, Inc. TOP209P Datasheet HTML 2Page - Power Integrations, Inc. TOP209P Datasheet HTML 3Page - Power Integrations, Inc. TOP209P Datasheet HTML 4Page - Power Integrations, Inc. TOP209P Datasheet HTML 5Page - Power Integrations, Inc. TOP209P Datasheet HTML 6Page - Power Integrations, Inc. TOP209P Datasheet HTML 7Page - Power Integrations, Inc. TOP209P Datasheet HTML 8Page - Power Integrations, Inc. TOP209P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
®
Figure 1. Typical Application.
TOP209/210
TOPSwitch Family
Three-terminal Off-line PWM Switch
ORDER
PART
NUMBER
OUTPUT POWER RANGE
®
85-265
VAC
230 VAC or
110 VAC
w/Doubler
PI-2043-052397
Wide-Range
DC Input
D
S
C
CONTROL
TOPSwitch
+
-
Product Highlights
Cost Effective Switcher for Low Power Applications
• Replaces linear power supplies
• Replaces discrete switcher and 20 to 50 components
– cuts cost, increases reliability
• Stand-by power supplies for Green or energy efficient
products such as personal computers, monitors, UPS,
copiers, fax machines, etc.
• Housekeeping or "keep-alive" power supply applications
such as TV, appliances, industrial control and personal
computers
• Meets 'Blue Angel' low power stand-by specification
• Controlled MOSFET turn-on reduces EMI and EMI filter
costs
• 80% smaller and lighter compared to linear supply
• 50% smaller compared to discrete switcher
Over 80% Efficiency in Flyback Topology
• Built-in start-up and current limit reduce DC losses
• Low capacitance 700 V MOSFET cuts AC losses
• CMOS controller/gate driver consumes only 6 mW
• 70% maximum duty cycle minimizes conduction losses
Simplifies Design – Reduces Time to Market
• Supported by reference design boards
• Integrated PWM Controller and 700 V MOSFET in
industry standard eight pin DIP package
• Only one external capacitor needed for compensation,
bypass and start-up/auto-restart functions
• Easily interfaces with both opto and primary feedback
System Level Fault Protection Features
• Auto-restart and cycle by cycle current limiting functions
handle both primary and secondary faults
• On-chip thermal shutdown with hysteresis protects the
entire system against overload
Description
The TOP209/210 implements all functions necessary for an
off-line switched mode control system: high voltage N-channel
power MOSFET with controlled turn-on gate driver, voltage
mode PWM controller with integrated oscillator, high voltage
start-up bias circuit, bandgap derived reference, bias shunt
regulator/error amplifier for loop compensation and fault
protection circuitry.
Compared to discrete MOSFET and
controller or self oscillating (RCC) switching converter
solutions, a TOPSwitch integrated circuit can reduce total cost,
component count, size, weight and at the same time increase
efficiency and system reliability. The TOP209/210 are intended
for 100/110/230 VAC off-line Power Supply applications in
the 0 to 8 W (0 to 5 W universal) range.
TOP209P
TOP210PFI
TOPSwitch Selection Guide
PACKAGE
DIP-8
TOP209G
TOP210G
0-4 W
0-2 W
0-8 W
0-5 W
DIP-8
SMD-8
SMD-8
August 1997


Similar Part No. - TOP209P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP200 POWERINT-TOP200 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP200 POWERINT-TOP200 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
logo
TRACO Electronic AG
TOP200 TRACOPOWER-TOP200 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TOP200-112 TRACOPOWER-TOP200-112 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
TOP200-115 TRACOPOWER-TOP200-115 Datasheet
1Mb / 5P
AC/DC Power Supply TOP 200 Series, 200 Watt
Rev. November 30, 2022
More results

Similar Description - TOP209P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com