Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGNPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2600IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGNPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2600IGNPBF Datasheet HTML 1Page - Linear Technology LTC2600IGNPBF Datasheet HTML 2Page - Linear Technology LTC2600IGNPBF Datasheet HTML 3Page - Linear Technology LTC2600IGNPBF Datasheet HTML 4Page - Linear Technology LTC2600IGNPBF Datasheet HTML 5Page - Linear Technology LTC2600IGNPBF Datasheet HTML 6Page - Linear Technology LTC2600IGNPBF Datasheet HTML 7Page - Linear Technology LTC2600IGNPBF Datasheet HTML 8Page - Linear Technology LTC2600IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2600/LTC2610/LTC2620
1
2600fe
BLOCK DIAGRAM
DESCRIPTION
Octal 16-/14-/12-Bit
Rail-to-Rail DACs in 16-Lead SSOP
The LTC
®2600/LTC2610/LTC2620 are octal 16-, 14- and
12-bit, 2.5V-to-5.5V rail-to-rail voltage-output DACs in
16-lead narrow SSOP and 20-lead 4mm × 5mm QFN
packages. They have built-in high performance output
buffers and are guaranteed monotonic.
These parts establish new board-density benchmarks for
16-and14-bitDACsandadvanceperformancestandardsfor
output drive, crosstalk and load regulation in single-supply,
voltage-output multiples.
The parts use a simple SPI/MICROWIRE compatible 3-wire
serial interface which can be operated at clock rates up
to 50MHz. Daisychain capability and a hardware CLR
function are included.
The LTC2600/LTC2610/LTC2620 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise less
than 10mV above zero-scale; and after power-up, they stay
at zero-scale until a valid write and update take place.
FEATURES
APPLICATIONS
n Mobile Communications
n Process Control and Industrial Automation
n Instrumentation
n Automatic Test Equipment
n Smallest Pin-Compatible Octal DACs:
LTC2600: 16 Bits
LTC2610: 14 Bits
LTC2620: 12 Bits
n Guaranteed 16-Bit Monotonic Over Temperature
n Wide 2.5V to 5.5V Supply Range
n Low Power Operation: 250μA per DAC at 3V
n Individual Channel Power-Down to 1μA, Max
n Ultralow Crosstalk Between DACs (<10μV)
n High Rail-to-Rail Output Drive (±15mA, Min)
n Double-Buffered Digital Inputs
n Pin-Compatible 10-/8-Bit Versions (LTC1660/LTC1665)
n Tiny 16-Lead Narrow SSOP
and 20-Lead 4mm × 5mm QFN Packages
2
15
1
GND
VOUTA
VOUTB
VOUTC
VOUTD
REF
CS/LD
SCK
VCC
VOUTH
VOUTG
VOUTF
VOUTE
CLR
SDO
SDI
2600 BD
16
DAC A
3
14
4
13
5
7
6
8
(1)
(20)
(2)
(3)
(4)
(7)
(5)
(8)
(16)
(17)
(15)
(14)
(13)
(10)
(11)
(9)
10
11
9
12
DECODE
POWER-ON
RESET
CONTROL
LOGIC
32-BIT SHIFT REGISTER
DAC H
DAC B
DAC G
DAC C
DAC F
DAC D
DAC E
NOTE: NUMBERS IN PARENTHESIS REFER TO THE UFD PACKAGE
Differential Nonlinearity (LTC2600)
CODE
0
16384
32768
49152
65535
2600 G21
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC2600IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2600IGN LINER-LTC2600IGN Datasheet
434Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2600IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com