Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGNPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2600IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGNPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2600IGNPBF Datasheet HTML 10Page - Linear Technology LTC2600IGNPBF Datasheet HTML 11Page - Linear Technology LTC2600IGNPBF Datasheet HTML 12Page - Linear Technology LTC2600IGNPBF Datasheet HTML 13Page - Linear Technology LTC2600IGNPBF Datasheet HTML 14Page - Linear Technology LTC2600IGNPBF Datasheet HTML 15Page - Linear Technology LTC2600IGNPBF Datasheet HTML 16Page - Linear Technology LTC2600IGNPBF Datasheet HTML 17Page - Linear Technology LTC2600IGNPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2600/LTC2610/LTC2620
14
2600fe
OPERATION
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than eight outputs are needed. When in power-down, the
buffer amplifiers and reference inputs are disabled, and
draw essentially zero current. The DAC outputs are put
into a high impedance state, and the output pins are pas-
sively pulled to ground through individual 90k resistors.
When all eight DACs are powered down, the master bias
generation circuit is also disabled. Input- and DAC-register
contents are not disturbed during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combi-
nation with the appropriate DAC address, (n). The 16-bit
data word is ignored. The supply and reference currents
are reduced by approximately 1/8 for each DAC powered
down; the effective resistance at REF (Pin 6) rises accord-
ingly, becoming a high impedance input (typically > 1GΩ)
when all eight DACs are powered down.
Normal operation can be resumed by executing any
command which includes a DAC update, as shown in
Table 1. The selected DAC is powered up as its voltage
output is updated.
There is an initial delay as the DAC powers up before it
begins its usual settling behavior. If less than eight DACs
are in a powered-down state prior to the update command,
the power-up delay is 5μs. If, on the other hand, all eight
DACs are powered down, then the master bias genera-
tion circuit is also disabled and must be restarted. In this
case, the power-up delay is greater: 12μs for VCC = 5V,
30μs for VCC = 3V.
Voltage Outputs
Each of the 8 rail-to-rail amplifiers contained in these parts
has guaranteed load regulation when sourcing or sinking
up to 15mA at 5V (7.5mA at 3V).
Load regulation is a measure of the amplifier’s ability to
maintain the rated voltage accuracy over a wide range of
load conditions. The measured change in output voltage
per milliampere of forced load current change is expressed
in LSB/mA.
DC output impedance is equivalent to load regulation, and
may be derived from it by simply calculating a change in
units from LSB/mA to Ohms. The amplifiers’ DC output
impedance is 0.025Ω when driving a load well away from
the rails.
When drawing a load current from either rail, the output
voltage headroom with respect to that rail is limited by
the 25Ω typical channel resistance of the output devices;
e.g., when sinking 1mA, the minimum output voltage =
25Ω • 1mA = 25mV. See the graph Headroom at Rails vs
Output Current in the Typical Performance Characteristics
section.
The amplifiers are stable driving capacitive loads of up
to 1000pF.
Board Layout
The excellent load regulation and DC crosstalk performance
of these devices is achieved in part by keeping “signal”
and “power” grounds separated internally and by reducing
shared internal resistance to just 0.005Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com