Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2600IGNPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2600IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2600IGNPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2600IGNPBF Datasheet HTML 1Page - Linear Technology LTC2600IGNPBF Datasheet HTML 2Page - Linear Technology LTC2600IGNPBF Datasheet HTML 3Page - Linear Technology LTC2600IGNPBF Datasheet HTML 4Page - Linear Technology LTC2600IGNPBF Datasheet HTML 5Page - Linear Technology LTC2600IGNPBF Datasheet HTML 6Page - Linear Technology LTC2600IGNPBF Datasheet HTML 7Page - Linear Technology LTC2600IGNPBF Datasheet HTML 8Page - Linear Technology LTC2600IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2600/LTC2610/LTC2620
3
2600fe
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LTC2620
LTC2610
LTC2600
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
12
14
16
Bits
Monotonicity
VCC = 5V, VREF = 4.096V (Note 2)
l
12
14
16
Bits
DNL
Differential Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2)
l
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
VCC = 5V, VREF = 4.096V (Note 2)
l
±0.75
±4
±3
±16
±12
±64
LSB
Load Regulation
VREF = VCC = 5V, Mid-Scale
IOUT = 0mA to 15mA Sourcing
IOUT = 0mA to 15mA Sinking
l
l
0.025
0.025
0.125
0.125
0.1
0.1
0.5
0.5
0.3
0.3
2
2
LSB/mA
LSB/mA
VREF = VCC = 2.5V, Mid-Scale
IOUT = 0mA to 7.5mA Sourcing
IOUT = 0mA to 7.5mA Sinking
l
l
0.05
0.05
0.25
0.25
0.2
0.2
1
1
0.8
0.8
4
4
LSB/mA
LSB/mA
ZSE
Zero-Scale Error
VCC = 5V, VREF = 4.096V Code = 0
1
9
1
9
1
9
mV
VOS
Offset Error
VCC = 5V, VREF = 4.096V (Note 7)
±1
±9
±1
±9
±1
±9
mV
VOS Temperature
Coefficient
±3
±3
±3
μV/°C
GE
Gain Error
VCC = 5V, VREF = 4.096V
±0.2
±0.7
±0.2
±0.7
±0.2
±0.7
%FSR
Gain Temperature
Coefficient
±6.5
±6.5
±6.5
ppm/°C
SYMBOL PARAMETER
CONDITIONS
LTC2600/LTC2610/LTC2620
UNITS
MIN
TYP
MAX
PSR
Power Supply Rejection
VCC = ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Mid-Scale; –15mA ≤ IOUT ≤ 15mA
VREF = VCC = 2.5V, Mid-Scale; –7.5mA ≤ IOUT ≤ 7.5mA
l
l
0.025
0.030
0.15
0.15
Ω
Ω
DC Crosstalk (Note 4)
Due to Full-Scale Output Change (Note 5)
Due to Load Current Change
Due to Powering Down (per Channel)
±10
±3.5
±7.3
μV
μV/mA
μV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.6V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
15
15
34
34
60
60
mA
mA
VCC = 2.5V, VREF = 5.6V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
7.5
7.5
18
24
50
50
mA
mA
Reference Input
Input Voltage Range
l
0VCC
V
Resistance
Normal Mode
l
11
16
20
kΩ
Capacitance
90
pF
IREF
Reference Current, Power-Down
Mode
All DACs Powered Down
l
0.001
1
μA
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com