Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5801 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 35Page - Texas Instruments AFE5801 Datasheet HTML 36Page - Texas Instruments AFE5801 Datasheet HTML 37Page - Texas Instruments AFE5801 Datasheet HTML 38Page - Texas Instruments AFE5801 Datasheet HTML 39Page - Texas Instruments AFE5801 Datasheet HTML 40Page - Texas Instruments AFE5801 Datasheet HTML 41Page - Texas Instruments AFE5801 Datasheet HTML 42Page - Texas Instruments AFE5801 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
REVISION HISTORY
Changes from Revision C (January 2010) to Revision D
Page
•
Deleted INVERT_CHANNEL and MSB_FIRST rows from register map table ................................................................... 21
•
Deleted INVERT_CHANNEL register description ............................................................................................................... 23
•
Deleted MSB_FIRSTL register description ......................................................................................................................... 23
Changes from Revision B (April 2009) to Revision C
Page
•
Added pullup/pulldown resistors to descriptions of PDN, RESET, SCLK, SDATA, SEN, and SYNC terminals .................. 3
•
Added a note to the TERMINAL FUNCTIONS table, referenced from pin 28 within the table ............................................ 3
•
Listed names of digital control pins and changed maximum voltage rating for them ........................................................... 4
•
Added a minimum value for LVDS ac-coupled clock input in RECOMMENDED OPERATING CONDITIONS ................... 5
•
Added rows for VIH and VIL to CLOCK INPUT section of RECOMMENDED OPERATING CONDITIONS table ................ 5
•
Added note to ELECTRICAL CHARACTERISTICS table regarding the effects of enabling clamping ................................ 5
•
Added note to ELECTRICAL CHARACTERISTICS table regarding the effects of enabling clamping ................................ 6
•
Added note to ELECTRICAL CHARACTERISTICS table for IDVDD18 row in POWER section .............................................. 6
•
Listed names of digital-input and digital-output pins in Digital Characteristics table ............................................................ 7
•
Added section for SDOUT to Digital Characteristics table ................................................................................................... 7
•
Added a reference to Recommended Operating Conditions table to the note following the Digital Characteristics
table ...................................................................................................................................................................................... 7
•
Added note for FCLK timing to Output Interface Timing table .............................................................................................. 8
•
Modified next-to-last paragraph in Theory of Operation section ......................................................................................... 17
•
Added a new paragraph to the end of the Input Configuration section .............................................................................. 18
•
Added two new paragraphs to the end of the Register Initialization section ...................................................................... 18
•
Added a sentence to the last paragraph of the Reset Timing section ................................................................................ 19
•
Changed "Serial Interface Register Write" from a section heading to a figure caption ...................................................... 20
•
Added a parenthetical expression to a sentence in the General-Purpose Register Map section ...................................... 20
•
Deleted text from ADDRESS 3[8] DESCRIPTION ............................................................................................................. 21
•
Changed DESCRIPTION for ADDRESS 7[8:7] in register map. ........................................................................................ 21
•
Added two sentences to EXTERNAL_REFERENCE register description .......................................................................... 22
•
Changed address of LOW_FREQUENCY_NOISE_SUPPRESSION to 1[11] ................................................................... 23
•
Added reference to INTERP_ENABLE section .................................................................................................................. 25
•
Added a NOTE explaining readback from address 0x97 ................................................................................................... 28
•
Arranged TGC control register-description sections in alphabetical order by register name ............................................. 29
•
Changed "16 channels" to "eight channels" in the ANTI-ALIAS FILTER (AAF) section .................................................... 33
•
Changed "16 channels" to "eight channels" in the CLOCK INPUTS section ..................................................................... 33
•
Changed "clock channels" to "clock lines" in the Clock Inputs section .............................................................................. 33
•
Deleted two sentences from first paragraph of CLOCK INPUTS section ........................................................................... 33
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com