Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5801 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 9Page - Texas Instruments AFE5801 Datasheet HTML 10Page - Texas Instruments AFE5801 Datasheet HTML 11Page - Texas Instruments AFE5801 Datasheet HTML 12Page - Texas Instruments AFE5801 Datasheet HTML 13Page - Texas Instruments AFE5801 Datasheet HTML 14Page - Texas Instruments AFE5801 Datasheet HTML 15Page - Texas Instruments AFE5801 Datasheet HTML 16Page - Texas Instruments AFE5801 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
fIN − Input Frequency − MHz
−12
−11
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
1
0
2
4
6
8
10
12
14
16
18
20
G010
14MHz
7.5MHz
10MHz
f − Frequency − MHz
−70
−60
−50
−40
−30
−20
−10
0
10
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G011
K = 2dB
K = 3dB
K = 5dB
K = 4dB
K = 6dB
K = 8dB
K = 9dB
K = 10dB
Analog Filter
K = 7dB
f − Clock Frequency − MSPS
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
G012
AVDD Power − Default
fIN = 2MHz
AVDD Power − Low-Noise Mode
f − Clock Frequency − MSPS
0.30
0.35
0.40
0.45
0.50
0.55
0.60
5
10
15
20
25
30
35
40
45
50
55
60
65
G013
Total Power − Low-Noise Mode
Total Power − Default
fin = 2MHz
GAIN_MATCHING − dB
0
1
2
3
4
5
6
7
0.02 0.07 0.12 0.17 0.22 0.27 0.32 0.37 0.42 0.47 0.52
G030
Output Code − Offset
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2005
2016
2027
2038
2049
2060
2071
2072
2083
G031
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
All graphs are at 25°C, AVDD3 = 3.3V, AVDD18 = DVDD18 = 1.8V, –1dBFS analog input AC coupled with 0.1mF, internal
reference mode, maximum rated channel sampling frequency (65MSPS), LVCMOS (single-ended) clock, 50% duty cycle,
fIN = 2MHz, anti-aliasing filter set at 14MHz (3dB corner), output clamp disable and analog high-pass filter enabled. spacer
Figure 18. Antialiasing Filter Frequency Response
Figure 19. High-Pass Filter Options
Figure 20. Analog Power vs Input-Clock Frequency
Figure 21. Total Power vs Input-Clock Frequency
Figure 22. Gain Matching Measured at a Single Gain (30
Figure 23. Offset (Average Code) With Signal. Every
dB) as Peak-to-Peak Variation of Gain Across Channels
Channel Counted as One Event
on Every Device and Measured at Three Temperatures.
Every Device at Each Temperature Counted as One Event
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com