Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5801 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5801
Description  8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5801 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5801 Datasheet HTML 17Page - Texas Instruments AFE5801 Datasheet HTML 18Page - Texas Instruments AFE5801 Datasheet HTML 19Page - Texas Instruments AFE5801 Datasheet HTML 20Page - Texas Instruments AFE5801 Datasheet HTML 21Page - Texas Instruments AFE5801 Datasheet HTML 22Page - Texas Instruments AFE5801 Datasheet HTML 23Page - Texas Instruments AFE5801 Datasheet HTML 24Page - Texas Instruments AFE5801 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
AFE5801
www.ti.com
SLOS591D – SEPTEMBER 2008 – REVISED MAY 2010
ADDRESS
FUNCTION
DESCRIPTION
1[10]
STDBY
0: Power up. 1: Standby (fast power-up mode)
1[9:2]
PDN CHANNEL<7:0>
PDN for each individual channel (VCA+ADC). LVDS outputs logic 0.
1[1]
OUTPUT_DISABLE
0: Ouptut enabled. 1: Output disabled
1[0]
GLOBAL_PDN
0: Power up. 1: Global power down (slow power-up mode)
2[15:13]
PATTERN_MODES
Pattern modes for serial LVDS. 000: No pattern. 001: Sync. 010: Deskew.
011: Custom reg. 100: All 1s. 101: toggle. 110: All 0s. 111: Ramp
2[11]
AVERAGING_ENABLE
0: Default (no averaging). 1: Average two channels to increase SNR.
2[10:3]
PDN_LVDS
Power down the eight data-output LVDS pairs.
3[14:13]
SERIALIZED_DATA_RATE
Serialization factor. 00: 12×. 01: 10×. 10: 16×. 11: 14×
3[12]
DIGITAL_GAIN_ENABLE
0: Default (no gain). 1: Apply digital gain set by the following registers.
3[8]
REGISTER_OFFSET_SUBTRACTION_
0: Default (no subtraction). 1: Subtract offset value set in the corresponding
ENABLE
registers.
4[3]
DFS
Data format select. 0: 2s complement. 1: Offset binary
5[13:0]
CUSTOM_PATTERN
Custom pattern data for LVDS (PATTERN_MODES = 011)
7[10]
VCA_LOW_NOISE_MODE_(INCREASE_
0: Low power. 1: Low noise, at the expense of increased power (5mW/channel)
POWER)
7[8:7]
SELF_TEST
00 or 10: No self-test. 01: Self-test enabled. 100 mV dc applied to the input of
the channels. 11: Self-test enabled. 150 mV dc applied to the input of the
channels. NOTE: DC applied before the input buffer. Test does not work if input
is dc-shorted to a different potential. Also notice that the
INTERNAL_AC_COUPLING bit is automatically set to 1 when entering this
mode, and reset back to whatever value it had before, when leaving this mode.
7[3:2]
FILTER_BW
00: 14MHz. 01: 10MHz. 10: 7.5MHz. 11: Not used.
7[1]
INTERNAL_AC_COUPLING
VGA coupling. 0: AC-coupled. 1: DC-coupled
13[15:11]
DIG_GAIN1
0dB to 6dB in steps of 0.2dB
13[9:2]
OFFSET_CH1
Value to be subtracted from channel 1
15[15:11]
DIG_GAIN2
0dB to 6dB in steps of 0.2dB
15[9:2]
OFFSET_CH2
Value to be subtracted from channel 2
17[15:11]
DIG_GAIN3
0dB to 6dB in steps of 0.2dB
17[9:2]
OFFSET_CH3
Value to be subtracted from channel 3
19[15:11]
DIG GAIN4
0dB to 6dB in steps of 0.2dB
19[9:2]
OFFSET_CH4
Value to be subtracted from channel 4
21[4:1]
DIGITAL_HIGH_PASS_FILTER_CORNER_
Sets k for the high-pass filter as desribed in General-Purpose Register
FREQ_FOR_CHANNELS-1–4
Description (k from 2 to 10).
21[0]
DIGITAL_HIGH_PASS_FILTER_ENABLE_
0: No high-pass filter. 1: High-pass filter enabled
FOR_CHANNELS_1–4
25[15:11]
DIG_GAIN8
0dB to 6dB in steps of 0.2dB
25[9:2]
OFFSET_CH8
Value to be subtracted from channel 5
27[15:11]
DIG_GAIN7
0dB to 6dB in steps of 0.2dB
27[9:2]
OFFSET_CH7
Value to be subtracted from channel 6
29[15:11]
DIG_GAIN6
0dB to 6dB in steps of 0.2dB
29[9:2]
OFFSET_CH6
Value to be subtracted from channel 7
31[15:11]
DIG_GAIN5
0dB to 6dB in steps of 0.2dB
31[9:2]
OFFSET_CH5
Value to be subtracted from channel 8
33[4:1]
DIGITAL_HIGH_PASS_FILTER_CORNER_
Sets k for the high-pass filter as desribed in General-Purpose Register
FREQ_FOR_CHANNELS_5–8
Description (k from 2 to 10).
33[0]
DIGITAL_HIGH_PASS_FILTER_ENABLE_
0: No high-pass filter. 1: High-pass filter enabled
FOR_CHANNELS_5–8
70[14]
CLAMP_DISABLE
0: Enabled. 1: Disabled
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AFE5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com