Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LTC3589
13
3589p
PIN FUNCTIONS
PBSTAT (Pin 22): Pushbutton Status. Open drain output
to be used for processor interrupts. PBSTAT mirrors the
status of ON pushbutton pin. PBSTAT is delayed 50ms
from ON pin for debounce.
WAKE (Pin 23): System Wake Up. Open drain driver output
releases high when signaled by pushbutton activation or
PWR_ON input. It may be used to initiate a pin-strapped
power-up sequence by connecting to a regulator enable
pin to initiate a pin strapped power-on sequence.
PVIN2 (Pin 24): Power Input for Step-Down Switching
Regulator 2. This pin should be bypassed to ground with
a 4.7μF or greater ceramic capacitor.
SW2 (Pin 25): Switch Pin for Step-Down Switching Regula-
tor 2. Connect one side of step-down switching regulator
2 inductor to this pin.
SW3 (Pin 26): Switch Pin for Step-Down Switching Regula-
tor 3. Connect one side of step-down switching regulator
3 inductor to this pin.
PVIN3 (Pin 27): Power Input for Switching Regulator 3.
Tie this pin to the VIN supply. This pin should be bypassed
to ground with a 4.7μF or greater ceramic capacitor.
VSTB (Pin 28): Voltage Standby. When VSTB is low, DAC
reference voltages are selected by bit values in command
register VCCR. When VSTB is high, the DAC voltages are
forced to the bit values found in the V2 registers. Tie VSTB
to ground if unused.
PGOOD (Pin 29): Power Good Output. Open drain output
pulls down when any regulator falls below power good
threshold and during regulator dynamic voltage slew. Un-
less disabled in I2C register. Pulls down when all regulators
are disabled.
SCL (Pin 30): Clock Input Pin for the I2C Serial Port. The
I2C logic levels are scaled with respect to DVDD.
SDA (Pin 31): Data Input Pin for the I2C Serial Port. The
I2C logic levels are scaled with respect to DVDD.
DVDD (Pin 32): Supply Voltage for I2C Serial Port. This
pin sets the logic reference level of SCL and SDA I2C pins.
DVDD resets I2C registers to power on state when driven to
<1V. SCL and SDA logic levels are scaled to DVDD. Connect
a 0.1μF decoupling capacitor from this pin to ground.
BUCK2_FB (Pin 33): Feedback Input for Step-Down
Switching Regulator 2. Set full scale output voltage using
resistor divider connected from the output of step-down
switching regulator 2 to this pin to ground.
BUCK3_FB (Pin 34): Feedback Input for Step-Down
Switching Regulator 3. Set full scale output voltage using
resistor divider connected from the output of step-down
switching regulator 3 to this pin to ground.
LDO1_FB (Pin 35): Feedback Input for LDO1. Set out-
put voltage using a resistor divider connected from
LDO1_STDBY to this pin to ground.
LDO1_STDBY (Pin 36): Always On LDO1 Output. This pin
provides an always on supply voltage useful for light loads
such as a watchdog microprocessor or a real time clock.
Connect a 1μF capacitor from LDO1_STBY to ground.
VIN (Pin 37): Supply Voltage Input. This pin should
be bypassed to ground with a 1μF or greater ceramic
capacitor.
LDO2_FB (Pin 38): Feedback Input for LDO2. Set full
scale output voltage using a resistor divider connected
from LDO2_OUT to this pin to ground.
BUCK1_FB (Pin 39): Feedback Input for Step-Down
Switching Regulator 1. Set full scale output voltage using
resistor divider connected from the output of step-down
switching regulator 1 to this pin to ground.
BB_FB (Pin 40): Feedback Input for Buck-Boost Switching
Regulator 4. Set the output voltage using resistor divider
connected from BB_OUT to this pin to ground.
GND (Exposed Pad Pin 41): Ground. The Exposed Pad
must be connected to a continuous ground plane on the
second layer of the printed circuit board by several inter-
connect vias directly under the LTC3589 for maximum
heat transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com