Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 2Page - Linear Technology LTC3589 Datasheet HTML 3Page - Linear Technology LTC3589 Datasheet HTML 4Page - Linear Technology LTC3589 Datasheet HTML 5Page - Linear Technology LTC3589 Datasheet HTML 6Page - Linear Technology LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC3589
6
3589p
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulator 4 (LDO4)
VIN_LDO34
VIN_LDO34 Input Range
l
2.35
VIN
V
IVIN_LDO34
VIN_LDO34 Quiescent Current
VIN_LDO34 Shutdown Current
LDO4 Enabled, LDO4_FB = 0.85V
LDO4 Disabled
l
l
14
0
22
1
μA
μA
IVIN
Enabled VIN Quiescent Current
l
50
80
μA
VLDO4
LDO 4 Output Voltage
ILDO4 = 1mA, L2DTV2[6:5] = 00
L2DTV2[6:5] = 01
L2DTV2[6:5] = 10
L2DTV2[6:5] = 11
l
l
l
l
2.716
2.245
1.746
3.201
2.8
2.5
1.8
3.3
2.884
2.575
1.854
3.399
V
V
V
V
LD04 Line Regulation
ILDO4 =1mA, VINLDO4 = 2.7V to 5.5V,
VOUT = 1.8V
0.1
%/V
LDO4 Load Regulation
ILDO4 = 1mA to 250mA
0.1
%
ILDO4
LDO4 Available Output Current
l
250
mA
ILDO4_SC
LDO4 Short Circuit Current Limit
300
420
600
mA
VDROP4
LDO4 Dropout Voltage (Note 4)
ILDO4 = 200mA, VLDO4 = 3.3V
ILDO4 = 200mA, VLDO4 = 1.8V
100
180
130
250
mV
mV
Enable Inputs
VENx_THR
Threshold Rising, All Enables Low
l
0.8
1.2
V
VENx_THR2
VENx_THF2
Threshold Rising, Any Enable High
Threshold Falling, Any Enable High
l
l
0.425
0.5
0.45
0.525
V
V
RENX
Input Pull-Down Resistance
4.5
MΩ
VSTB, PWR_ON Inputs
VVSTB_THR
VVSTB_THF
VSTB Pin Threshold Rising
VSTB Pin Threshold Falling
l
l
0.4
0.8
0.7
1.2
V
V
RVSTB
Pull-Down Resistence
4.5
MΩ
VPWR_ONTHR
VPWR_ONTHF
PWR_ON Pin Threshold Rising
PWR_ON Pin Threshold Falling
l
l
0.4
0.8
0.7
1.2
V
V
RPWR_ON
Pull-Down Resistence
4.5
MΩ
I2C Port
DVDD
DVDD Input Supply Voltage
1.6
5.5
V
IDVDD
DVDD Quiescent Current
SCL/SDA = 0kHz
0.3
μA
VDVDD_UVLO
DVDD UVLO Level
1V
ADDRESS
LTC3589 Device Address – Write
LTC3589 Device Address – Read
01101000
01101001
VIH SDA, SCL
VIL SDA, SCL
SDA and SCL Input Threshold Rising
SDA and SCL Input Threshold Falling
70
30
%DVDD
%DVDD
IIHSCx IILSCx
SDA and SCL Input Current
SDA = SCL = 0V to 5.5V
–1
1
μA
VOL SDA
SDA Output Low Voltage
ISDA = 3mA
0.4
V
fSCL
SCL Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD_STA
Hold Time After (Repeated) Start Condition
0.6
μs
tSU_STA
Repeated Start Condition Setup Time
0.6
μs
tSU_STO
Stop Condition Setup Time
0.6
μs
tHD_DAT(O)
Data Hold Time Output
0
900
ns
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com