Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC3589
14
3589p
BLOCK DIAGRAM
3589 BD
POWER
GOOD
0V, 1.8V,
2.5V, 2.8V, 3.3V
AT 250mA
LDO1_STDBY
LDO1_FB
IRQ
ALWAYS ON LDO1
VRTC AT 25mA
VIN
VREF
OK
ON (PB)
PBSTAT
WAKE
PWR_ON
VSTB
EN1
EN2
EN3
EN4
EN_LDO2
CONTROL + SEQUENCE
EN_LDO34
DVDD
SDA
SCL
I2C
PGOOD
n
RSTO
VIN_LDO34
LDO4
GND (EXPOSED PAD)
LDO4
VREF
OK
EN
VREF
BUCK-BOOST
PVIN4
BB_OUT
I/O AT 1.2A
VCORE
AT 1.6A
VSRAM
AT 1A
VSOC
AT 1A
VMEM
AT 250mA
VANALOG 1.8V
AT 250mA
BB_FB
PVIN1
SW1
BUCK1_FB
PVIN2
SW2
SW3
BUCK2_FB
BUCK3_FB
PVIN3
VIN_LDO2
LDO2_FB
LDO2
LDO3
SW4AB
SW4CD
EN
OK
EN
OK
EN
OK
EN
OK
VREF
BUCK 1
VREF
BUCK 2
VREF
BUCK 3
LDO3
VREF
OK
EN
LDO2
DAC
DAC
DAC
DAC
EN-PINS
EN-I2C
VREF
OK
EN
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com