Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2001 Datasheet(PDF) 3 Page - Power-One

Part # DP2001
Description  120...195 Watt DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP2001 Datasheet(HTML) 3 Page - Power-One

  DP2001 Datasheet HTML 1Page - Power-One DP2001 Datasheet HTML 2Page - Power-One DP2001 Datasheet HTML 3Page - Power-One DP2001 Datasheet HTML 4Page - Power-One DP2001 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.power-one.com
Edition 6/10.2001
Control
Output voltage adjustment
output 1, 4
60/80...110%
Uo nom
Inhibit on input side
TTL input, output(s) disabled if open circuit
Status indication
LEDs: In OK, Out OK
Output good signal (Out OK)
isolated open collector signal
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Class of equipment
class I
Protection degree
IP 40
Electric strength test voltage
I/case, O/case, Out OK/case
1.5 kV AC
I/O, Out OK/I, Out OK/O
4242 V DC / 3 kV AC
O/O
500 V DC
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion B
Electromagnetic field
IEC/EN 61000-4-3, level 3 (10 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, output/input, level 3/4 (2/4 kV)
criterion B
Surge
IEC/EN 61000-4-5, input, level 2/3 (1/2 kV)
criterion B
Conducted disturbances
IEC/EN 61000-4-6, level 2/3 (3/10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022, conducted
class B
Environmental
Operating ambient temperature
Ui nom, Po nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Po nom/Po max
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 11 ms
50 gn
Bump
IEC/EN 60068-2-29, 11 ms
25 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Out OK output
excludes option i
D
Current sharing
T
Inhibit on output side
excludes option D
i
Synchronisation
W
Heat Sink
B1
P Series
120...195 Watt DC-DC Converters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com