Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2001 Datasheet(PDF) 5 Page - Power-One

Part # DP2001
Description  120...195 Watt DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP2001 Datasheet(HTML) 5 Page - Power-One

  DP2001 Datasheet HTML 1Page - Power-One DP2001 Datasheet HTML 2Page - Power-One DP2001 Datasheet HTML 3Page - Power-One DP2001 Datasheet HTML 4Page - Power-One DP2001 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.power-one.com
Edition 6/10.2001
30
26
22
18
14
10
6
S10025
32
28
24
20
16
12
8
4
32
28
24
20
16
12
4/6
30
26
22
18
14
8/10
S10051
Pin allocation
Pin
P 1000
P 2000
P 3000
P 4000
4
Vo1+
Output 1
Vo1+
Output 1
Vo1+
Output 1
Vo1+
Output 1
6
Vo2+
Output 2
Vo2+
Output 2
Vo2+
Output 2
8Vo1–
Output 1
Vo1–
Output 1
Vo1–
Output 1
Vo1–
Output 1
10
Vo2–
Output 2
Vo2–
Output 2
Vo2–
Output 2
12
S+
Sense
S1+
Sense 1
S1+
Sense 1
Vo4+
Output 4
14
S–
Sense
S1–
Sense 1
S1–
Sense 1
Vo4–
Output 4
16
R
Control of
Uo
R1
Control of
Uo1
R1
Control of
Uo1
R1/4
Control of
Uo1/4
T1
Current sharing T1
Current sharing
18
T
Current sharing S2+
Sense 2
Vo3+
Output 3
Vo3+
Output 3
20
n.c.
Not connected S2–
Sense 2
Vo3+
Output 3
Vo3+
Output 3
22
Out OK+ Output good
Out OK+ Output good
Out OK+ Output good
Out OK+ Output good
i+
Inhibit second.
i+
Inhibit second.
i+
Inhibit second.
i+
Inhibit second.
24
Out OK– Output good
Out OK– Output good
Out OK– Output good
Out OK– Output good
i–
Inhibit second.
i–
Inhibit second.
i–
Inhibit second.
i–
Inhibit second.
26
Prot. ground
Prot. ground
Prot. ground
Prot. ground
28
i
Inhibit
i
Inhibit
i
Inhibit
i
Inhibit
W
Synchronisat.
W
Synchronisat.
W
Synchronisat.
W
Synchronisat.
30
Vi+
Input
Vi+
Input
Vi+
Input
Vi+
Input
32
Vi–
Input
Vi–
Input
Vi–
Input
Vi–
Input
P Series
120...195 Watt DC-DC Converters
Accessories
Additional external heat sinks for operation above
Po nom or TA max
Front panels for 19" rack mounting in 3U or 6U configuration (Schroff/Intermas)
Mating H15 connectors with screw, solder, fast-on or press-fit terminals
Mechanical mounting supports for chassis, DIN-rail and PCB mounting



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com