Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2001 Datasheet(PDF) 4 Page - Power-One

Part # DP2001
Description  120...195 Watt DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP2001 Datasheet(HTML) 4 Page - Power-One

  DP2001 Datasheet HTML 1Page - Power-One DP2001 Datasheet HTML 2Page - Power-One DP2001 Datasheet HTML 3Page - Power-One DP2001 Datasheet HTML 4Page - Power-One DP2001 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.power-one.com
Edition 6/10.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
104 (4.09")
70 (2.76")
111 (4.37")
M3; through
Measuring point of
case temperature
T
C
LED "Out OK"
LED "In OK"
Cassette Style
P Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com