Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
30061602
FIGURE 2. LM3402/04 PSOP Thermal PAD and Via Layout
Connecting to LED Array
The LM3402 / 04 evaluation board includes two standard 94
mil turret connectors for the cathode and anode connections
to a LED array.
Low Power Shutdown
The LM3402/04 can be placed into a low power shutdown
state (I
Q typically 90 µA) by grounding the DIM terminal. Dur-
ing normal operation this terminal should be left open-circuit.
Constant On Time Overview
The LM3402 and LM3404 are buck regulators with a wide in-
put voltage range and a low voltage reference. The controlled
on-time (COT) architecture is a combination of hysteretic
mode control and a one-shot on-timer that varies inversely
with input voltage. With the addition of a PNP transistor, the
on-timer can be made to be inversely proportional to the input
voltage minus the output voltage. This is one of the application
improvements made to this demonstration board that will be
discussed later (improved average LED current circuit).
The LM3402 / 04 were designed with a focus of controlling
the current through the load, not the voltage across it. A con-
stant current regulator is free of load current transients, and
has no need for output capacitance to supply the load and
maintain output voltage. Therefore, in this demonstration
board in order to demonstrate the fast transient capabilities, I
have chosen to omit the output capacitor. With any Buck reg-
ulator, duty cycle (D) can be calculated with the following
equations.
The average inductor current equals the average LED current
whether an output capacitor is used or not.
30061604
FIGURE 3. Buck Converter Inductor Current Waveform
A voltage signal, V
SNS, is created as the LED current flows
through the current setting resistor, R
SNS, to ground. VSNS is
fed back to the CS pin, where it is compared against a 200
mV reference (V
REF). A comparator turns on the power MOS-
FET when V
SNS falls below VREF. The power MOSFET con-
ducts for a controlled on-time, t
ON, set by an external resistor,
R
ON.
30061605
FIGURE 4. V
SNS Circuit
SETTING THE AVERAGE LED CURRENT
Knowing the average LED current desired and the input and
output voltages, the slopes of the currents within the inductor
can be calculated. The first step is to calculate the minimum
inductor current (LED current) point. This minimum level
needs to be determined so that the average LED current can
be determined.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com