Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Application Circuit Calculations
To better explain the improvements made to the COT
LM3402 / 04 demonstration board, a comparison is shown
between the unmodified average output LED current circuit to
the improved circuit. Design examples 1 and 2 use two orig-
inal LM3402 / 04 circuits. The switching frequencies will be
maximized to provide a small solution size.
Design example 3 is an improved average current application.
Example 3 will be compared against example 2 to illustrate
the improvements.
Example 4 will use the same conditions and circuit as exam-
ple 3, but the switching frequency will be reduced to improve
efficiency. The reduced switching frequency can further re-
duce any variations in average LED current with a wide
operating range of series LEDs and input voltages.
Design Example 1
•
V
IN = 48V (±20%)
•
Driving three HB LEDs with V
F = 3.4V
•
V
OUT = (3 x 3.4V +200 mV) = 10.4V
•
I
F = 500 mA (typical application)
•
Estimated efficiency = 82%
•
f
SW = fast as possible
•
Design for typical application within t
ON and tOFF limitations
LED (inductor) ripple current of 10% to 60% is acceptable
when driving LEDs. With this much allowed ripple current, you
can see that there is no need for an output capacitor. Elimi-
nating the output capacitor is actually desirable. An LED
connected to an inductor without a capacitor creates a near
perfect current source, and this is what we are trying to create.
In this design we will choose 50% ripple current.
Δi
L = 500 mA x 0.50 = 250 mA
I
PEAK = 500 mA + 125 mA = 625 mA
Calculate t
ON, tOFF & RON
From the datasheet there are minimum control MOSFET ON
and OFF times that need to be met.
t
OFF minimum = 300 ns
t
ON minimum = 300 ns
The minimum ON time will occur when V
IN is at its maximum
value. Therefore calculate R
ON at VIN = 60V, and set tON = 300
ns.
A quick guideline for maximum switching frequency allowed
versus input and output voltages are shown below in the two
graphs (figures 6 & 7).
30061615
FIGURE 6. V
OUT-MAX vs fSW
30061616
FIGURE 7. V
OUT-MIN vs fSW
R
ON = 135 kΩ (use standard value of 137 kΩ)
t
ON = 306 ns
Check to see if t
OFF minimum is satisfied. This occurs when
V
IN is at its minimum value.
At V
IN = 36V, and RON = 137 kΩ calculate tON from previous
equation.
t
ON = 510 ns
We know that:
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com