Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3402 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3402/LM3404 Fast
Dimming and True Constant
LED Current Evaluation
Board
National Semiconductor
Application Note 1839
Matthew Reynolds
December 10, 2008
Introduction
The LM3402/02HV and LM3404/04HV are buck regulator de-
rived controlled current sources designed to drive a series
string of high power, high brightness LEDs (HBLEDs) at for-
ward currents of up to 0.5A (LM3402/02HV) or 1.0A
(LM3404/04HV). This evaluation board demonstrates the en-
hanced thermal performance, fast dimming, and true constant
LED current capabilities of the LM3402 and LM3404 devices.
Circuit Performance with LM3404
This evaluation board (figure 1) uses the LM3404 to provide
a constant forward current of 750 mA ±10% to a string of up
to five series-connected HBLEDs with a forward voltage of
approximately 3.4V each from an input of 18V to 36V.
Thermal Performance
The PSOP-8 package is pin-for-pin compatible with the SO-8
package with the exception of the thermal pad, or exposed
die attach pad (DAP). The DAP is electrically connected to
system ground. When the DAP is properly soldered to an area
of copper on the top layer, bottom layer, internal planes, or
combinations of various layers, the
θ
JA of the LM3404/04HV
can be significantly lower than that of the SO-8 package. The
PSOP-8 evaluation board is two layers of 1oz copper each,
and measures 1.25" x 1.95". The DAP is soldered to approx-
imately 1/2 square inch of top and two square inches of
bottom layer copper. Three thermal vias connect the DAP to
the bottom layer of the PCB. A recommended DAP/via layout
is shown in figure 2.
30061601
FIGURE 1. LM3402 / 04 Schematic
© 2008 National Semiconductor Corporation
300616
www.national.com


Similar Part No. - LM3402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402 Datasheet
570Kb / 30P
LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI-LM3402 Datasheet
1Mb / 38P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402 Datasheet
1Mb / 36P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402 Datasheet
1Mb / 39P
0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
Constant Current LED Driver with PWM Dimming Control
logo
STMicroelectronics
STEVAL385LED4CH STMICROELECTRONICS-STEVAL385LED4CH Datasheet
504Kb / 10P
Adjustable LED current and dimming
May 2014 Rev 2
STEVAL-ILL066V1 STMICROELECTRONICS-STEVAL-ILL066V1 Datasheet
245Kb / 12P
Adjustable LED current and dimming
03-Dec-2014
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
PWM dimming linear buck LED constant current driver
logo
ON Semiconductor
NCL2801LED2GEVB ONSEMI-NCL2801LED2GEVB Datasheet
1Mb / 14P
Deep Dimming LED Driver 150 W Evaluation Board
March, 2020 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com