Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6408 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCA6408
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA6408_09 Datasheet HTML 9Page - Texas Instruments TCA6408_09 Datasheet HTML 10Page - Texas Instruments TCA6408_09 Datasheet HTML 11Page - Texas Instruments TCA6408_09 Datasheet HTML 12Page - Texas Instruments TCA6408_09 Datasheet HTML 13Page - Texas Instruments TCA6408_09 Datasheet HTML 14Page - Texas Instruments TCA6408_09 Datasheet HTML 15Page - Texas Instruments TCA6408_09 Datasheet HTML 16Page - Texas Instruments TCA6408_09 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
Electrical Characteristics
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
over recommended operating free-air temperature range, V
CCI = 1.65 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCP
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage II = –18 mA
1.65 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage(2)
VI = VCCP or GND, IO = 0
1.65 V to 5.5 V
1
1.4
V
1.65 V
1.2
2.3 V
1.8
IOH = –8 mA
3 V
2.6
4.5 V
4.1
P port high-level output
VOH
V
voltage
1.65 V
1.1
2.3 V
1.7
IOH = –10 mA
3 V
2.5
4.5 V
4.0
1.65 V
0.45
2.3 V
0.25
IOL = 8 mA
3 V
0.25
4.5 V
0.2
P port low-level output
VOL
V
voltage
1.65 V
0.6
2.3 V
0.3
IOL = 10 mA
3 V
0.25
4.5 V
0.2
SDA
VOL = 0.4 V
1.65 V to 5.5 V
3
IOL
mA
INT
VOL = 0.4 V
1.65 V to 5.5 V
3
15
SCL, SDA
VI = VCCI or GND
±0.1
II
1.65 V to 5.5 V
µA
ADDR, RESET
VI = VCCP or GND
±0.1
IIH
P port
VI = VCCP
1
µA
1.65 V to 5.5 V
IIL
P port
VI = GND
1
µA
VI on SDA = VCCI or GND,
3.6 V to 5.5 V
10
20
SDA,
VI on P port, ADDR and
2.3 V to 3.6 V
6.5
15
Operating
P Port,
RESET = VCCP or GND,
mode
ADDR,
IO = 0, I/O = inputs,
1.65 V to 2.3 V
4
9
RESET
fSCL = 400 kHz
VI on SDA = VCCI or GND,
3.6 V to 5.5 V
2.5
5
SDA,
VI on P port, ADDR and
2.3 V to 3.6 V
1.6
3.8
Operating
P Port,
ICC
RESET = VCCP or GND,
mode
ADDR,
µA
(ICCI + ICCP)
IO = 0, I/O = inputs,
1.65 V to 2.3 V
1
2.3
RESET
fSCL = 100 kHz
VI on SCL and SDA = VCCI or
3.6 V to 5.5 V
0.2
1
SCL, SDA,
GND,
2.3 V to 3.6 V
0.1
0.6
Standby
P Port,
VI on P Port, ADDR and
mode
ADDR,
RESET = VCCP or GND,
1.65 V to 2.3 V
0.1
0.4
RESET
IO = 0, I/O = inputs,
fSCL = 0
One input at VCCI – 0.6 V,
∆I
CCI
SCL, SDA
1.65 V to 5.5 V
25
µA
Additional
Other inputs at VCCI or GND
current in
P Port,
Standby
One input at VCCP – 0.6 V,
∆ I
CCP
ADDR,
1.65 V to 5.5 V
60
µA
mode
Other inputs at VCCP or GND
RESET
Ci
SCL
VI = VCCI or GND
1.65 V to 5.5 V
6
7
pF
SDA
VIO = VCCI or GND
7
8
Cio
1.65 V to 5.5 V
pF
P Port
VIO = VCCP or GND
7.5
8.5
(1)
All typical values are at nominal supply voltage (1.8-V, 2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
When power (from 0 V) is applied to VCCP, an internal power-on reset holds the TCA6408 in a reset condition until VCCP has reached
VPOR. At that time, the reset condition is released, and the TCA6408 registers and I2C/SMBus state machine initialize to their default
states. After that, VCCP must be lowered to below 0.2 V and back up to the operating voltage for a power-reset cycle.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com