Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6408 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA6408
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA6408_09 Datasheet HTML 17Page - Texas Instruments TCA6408_09 Datasheet HTML 18Page - Texas Instruments TCA6408_09 Datasheet HTML 19Page - Texas Instruments TCA6408_09 Datasheet HTML 20Page - Texas Instruments TCA6408_09 Datasheet HTML 21Page - Texas Instruments TCA6408_09 Datasheet HTML 22Page - Texas Instruments TCA6408_09 Datasheet HTML 23Page - Texas Instruments TCA6408_09 Datasheet HTML 24Page - Texas Instruments TCA6408_09 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
ADDR
P7
P6
P5
P3
P2
P1
P4
GND
INT
SDA
SCL
TCA6408
SDA
SCL
INT
GND
Keypad
A
B
ENABLE
Master
Controller
5
6
7
9
10
11
12
14
15
13
2
8
16
1
RESET
3
RESET
V
(1.8V)
CCI
VCC
VCCP
10k
(x4)
W
P0
ALARM
Subsystem1
(e.g., Alarm)
(seenoteD)
4
100k
(x3)
W
VCCP
VCCI
VCCI
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
Figure 14 shows an application in which the TCA6408 can be used.
A.
Device address configured as 0100000 for this example.
B.
P0 and P2–P4 are configured as inputs.
C.
P1 and P5-P7 are configured as outputs.
D.
Resistors are required for inputs (on P port) that may float. If a driver to an input will never let the input float, a
resistor is not needed. Outputs (in the P port) do not need pullup resistors.
Figure 14. Typical Application
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com