Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6408 Datasheet(PDF) 16 Page - Texas Instruments

Part # TCA6408
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TCA6408_09 Datasheet HTML 12Page - Texas Instruments TCA6408_09 Datasheet HTML 13Page - Texas Instruments TCA6408_09 Datasheet HTML 14Page - Texas Instruments TCA6408_09 Datasheet HTML 15Page - Texas Instruments TCA6408_09 Datasheet HTML 16Page - Texas Instruments TCA6408_09 Datasheet HTML 17Page - Texas Instruments TCA6408_09 Datasheet HTML 18Page - Texas Instruments TCA6408_09 Datasheet HTML 19Page - Texas Instruments TCA6408_09 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
0.0
0.1
0.2
0.3
0.4
0.5
0.6
T
A = –40°C
T
A = 25°C
T
A = 85°C
V
CC = 5.0 V
V
(V)
CCP – VOH
0
10
20
30
40
50
60
70
0.0
0.1
0.2
0.3
0.4
0.5
0.6
T
A = –40°C
T
A = 25°C
V
CC = 3.3 V
T
A = 85°C
V
(V)
CCP – VOH
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
T
A = –40°C
T
A = 25°C
V
CC = 2.5 V
T
A = 85°C
V
(V)
CCP – VOH
Temperature,
°C)
T (
A
0
50
100
150
200
250
300
–40
–15
10
35
60
85
V
= 1.8 V,
CC
I
= 10 mA
SOURCE
V
= 5.0 V,
CC
I
= 10 mA
SOURCE
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C (unless otherwise noted)
I/O SOURCE CURRENT
I/O SOURCE CURRENT
I/O SOURCE CURRENT
vs
vs
vs
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE
I/O HIGH VOLTAGE
vs
TEMPERATURE
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com