Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-AS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K8AB-AS
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS Datasheet(HTML) 2 Page - Omron Electronics LLC

  K8AB-AS Datasheet HTML 1Page - Omron Electronics LLC K8AB-AS Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
K8AB-AS
2
Ordering Information
■ List of Models
Note: The K8AB-AS3 is designed to be used in combination with an OMRON K8AC-CT200L Current Transformer (CT). (Direct input is not
possible.)
■ Accessory (Order Separately)
OMRON CT
Other CTs
Ratings and Specifications
■ Input Range
Note: The K8AB-AS3 is designed to be used in combination with an OMRON K8AC-CT200L Current Transformer (CT). (Direct input is not
possible.)
* The range is selected using connected terminals.
Single-phase Current Relay
Measuring current
Supply voltage
Model
2 to 20 mA AC/DC,
10 to 100 mA AC/DC,
50 to 500 mA AC/DC
24 VAC/DC
K8AB-AS1 24 VAC/DC
100-115 VAC
K8AB-AS1 100-115 VAC
200-230 VAC
K8AB-AS1 200-230 VAC
0.1 to 1 A AC/DC,
0.5 to 5 A AC/DC,
0.8 to 8 A AC/DC
24 VAC/DC
K8AB-AS2 24 VAC/DC
100-115 VAC
K8AB-AS2 100-115 VAC
200-230 VAC
K8AB-AS2 200-230 VAC
10 to 100 A AC,
20 to 200 A AC
(See note.)
24 VAC/DC
K8AB-AS3 24 VAC/DC
100-115 VAC
K8AB-AS3 100-115 VAC
200-230 VAC
K8AB-AS3 200-230 VAC
Current Transformer
Input range
Applicable Relay
Model
10 to 100 A AC,
20 to 200 A AC
K8AB-AS3
K8AC-CT200L
CT current on secondary side
Applicable Relay
0 to 1 A AC,
0 to 5 A AC
K8AB-AS2
Model
Range*
Connection terminal
Measuring current
Input impedance
Overload capacity
K8AB-AS1
0 to 20 mA AC/DC
I1-COM
2 to 20 mA AC/DC,
10 to 100 mA AC/DC,
50 to 500 mA AC/DC
Approx. 5
Ω
Continuous input:
120% of maximum input
1 s max.:
150% of maximum input
0 to 100 mA AC/DC
I2-COM
Approx. 1
Ω
0 to 500 mA AC/DC
I3-COM
Approx. 0.2
Ω
K8AB-AS2
0 to 1 A AC/DC
I1-COM
0.1 to 1 A AC/DC,
0.5 to 5 A AC/DC,
0.8 to 8 A AC/DC
Approx. 0.12
Ω
(Load: 0.5 VA)
0 to 5 A AC/DC
I2-COM
Approx. 0.02
Ω
(Load: 1.5 VA)
0 to 8 A AC/DC
I3-COM
Approx. 0.02
Ω
(Load: 3 VA)
K8AB-AS3
0 to 100 A AC
I2-COM
10 to 100 A AC,
20 to 200 A AC
(See note.)
Using OMRON CT
Continuous input:
120% of maximum input
30 s max.:
200% of maximum input
1 s max.:
600% of maximum input
0 to 200 A AC
I3-COM
Using OMRON CT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com