Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-AS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K8AB-AS
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS Datasheet(HTML) 5 Page - Omron Electronics LLC

  K8AB-AS Datasheet HTML 1Page - Omron Electronics LLC K8AB-AS Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
K8AB-AS
5
Connections
■ Wiring Diagram
Overcurrent Operation Diagram
(Output Relay Drive Method: Normally
Open)
DIP switch setting: SW3 OFF.
Undercurrent Operation Diagram
(Output Relay Drive Method: Normally
Closed)
DIP switch setting: SW3 ON.
Note: 1. The K8AB-AS3 is designed to be used in combination with
the OMRON K8AC-CT200L Current Transformer (CT).
2. There is no polarity when a DC current input is used.
3. Refer to the “Setting Ranges and Wiring Connections” as
the explanation of current input l1, l2, and l3 terminal.
Power supply
voltage
Operating value
Input
Alarm indicator
Relay 11-14
Relay 11-12
Hysteresis
(
−5% to 50% of operating value)
Lit
Flashing
T: Operating time (0.1 to 30 s)
Lock: Startup lock time (0 to 30 s)
LOCK
T
Power supply
voltage
Operating value
Input
Relay 11-14
Relay 11-12
Alarm indicator
Lit
Flashing
Hysteresis
(5% to 50% of operating value)
T
T: Operating time (0.1 to 30 s)
Single-phase power
A1
Power supply
voltage
A2
Current
input
I1
I2
I3
COM
14
Signal
output
12
A1
A2
Current
input
I1
I2
I3
COM
14
Signal
output
12
Relay
signal
output
or
Load
Single-phase power
Relay
signal
output
Load
11
11
Power supply
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com