Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-AS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # K8AB-AS
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button K8AB-AS Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
K8AB-AS
6
Nomenclature
■ Front
Indicators
Setting Knobs
Note: 1. Use either a solid wire of 2.5 mm2 maximum or a ferrule with
insulating sleeve for the terminal connection.
The length of the exposed current-carrying part inserted
into the terminal must be 8 mm or less to maintain dielectric
strength after connection.
Recommended ferrules
Phoenix Contact
• Al 1,5-8BK (for AWG16)
• Al 1-8RD (for AWG18)
• Al 0,75-8GY (for AWG18)
2. Tightening torque
Recommended: 0.49 N·m
Maximum: 0.54 N·m
Power indicator
Relay status indicator
Current knob (SV)
Hysteresis knob (HYS.)
Operating time knob (T)
Startup lock time knob
(LOCK)
Alarm indicator
Terminal block
(See notes 1 and 2.)
Terminal block
(See notes 1 and 2.)
Item
Meaning
Power indicator
(PWR: Green)
Lit when power is being supplied.
Relay status indicator
(RY: Yellow)
Lit when relay is operating.
Alarm indicator (ALM: Red) Lit when there is an overcurrent or
undercurrent.
The indicator flashes to indicate the
error status after the input has
exceeded the threshold value while the
operating time is being clocked.
Item
Usage
Current knob (SV)
Used to set the current to 10% to 100%
of maximum measuring current.
Hysteresis knob (HYS.)
Used to set the rest value to 5% to 50%
of the operating value.
Operating time knob (T)
Used to set the operating time to 0.1 to
30 s.
Startup lock time knob
(LOCK)
Used to set the startup lock time to 0 to
30 s.
For 2.5 mm2 or
smaller solid wires
For ferrules with
insulating sleeves
8 mm max.
8 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com