Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8AB-AS2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K8AB-AS2
Description  Single-phase Current Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  K8AB-AS2 Datasheet HTML 1Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CSM_K8AB-AS_DS_E_5_1
1
Single-phase Current Relay
K8AB-AS
Ideal for current monitoring for industrial
facilities and equipment.
• Monitor for overcurrents or undercurrents.
• Manual resetting and automatically resetting supported by one
Relay.
• Startup lock and operating time can be set separately.
• One SPDT output relay, 6 A at 250 VAC (resistive load).
• Output relay can be switched between normally open and
normally closed.
• Process control signal (4 to 20 mA) and commercial CT input
(0 to 1 A or 0 to 5 A) supported.
• Output status can be monitored using LED indicator.
• Inputs are isolated from the power supply.
Refer to Safety Precautions for the K8AB
Series. Refer to page 9 for the Q&A section.
Model Number Structure
■ Model Number Legend
1. Basic Model
K8AB: Measuring and Monitoring Relays
2. Functions
AS:
Single-phase Current Relay (One-sided operation)
3. Measuring Current
1:
2 to 20 mA AC/DC, 10 to 100 mA AC/DC, 50 to 500 mA AC/DC
2:
0.1 to 1 A AC/DC, 0.5 to 5 A AC/DC, 0.8 to 8 A AC/DC
3:
10 to 100 A AC, 20 to 200 A AC (See note.)
Note: The K8AB-AS3 is specially designed to be used in combination with the OMRON K8AC-CT200L Current Transformer (CT). (Direct input is
not possible.)
4. Supply Voltage
24 VAC/DC:
24 VAC/DC
100-115 VAC: 100 to 115 VAC
200-230 VAC: 200 to 230 VAC
12 3
4
K8AB-
@@


Similar Part No. - K8AB-AS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-AS2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
Single Phase Motor Starter Relay
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
Single-phase Voltage Relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
Single phase Power Solid State Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
Modular 1-phase current control relay
Aug 11, 2020
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
Modular 1-phase current control relay
Aug 11, 2020
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
35A HIGH CURRENT SINGLE-PHASE
logo
Littelfuse
77C LITTELFUSE-77C Datasheet
373Kb / 4P
Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com