Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2LU Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5CN-R2LU
Description  Basic-type Digital Temperature Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2LU Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5CN-R2LU Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 9Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 10Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 11Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 12Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 13Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 14Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
E5CN/E5CN-U
12
Nomenclature
Dimensions
(Unit: mm)
Accessories (Order Separately)
USB-Serial Conversion Cable
Operation indicators
Level Key
Temperature unit
No.1 display
No. 2 display
Up Key
Mode Key
Down Key
E5CN
E5CN-U
The front panel is the same for the E5CN and E5CN-U.
45
+0.6
0
45
+0.6
0
45
+0.6
0
60 min.
(48
× number of units − 2.5)
+1.0
0
Group mounting does not
allow waterproofing.
Panel Cutout
Mounted Separately
Group Mounted
48
× 48
Terminal Cover
(E53-COV17)
(Accessory)
44.8
× 44.8 48.8
6
1.5
91
78
Mounting Adapter
(Accessory)
58
Waterproof
Packing
(Accessory)
E5CN
Terminal Models
Note: The terminal block cannot be removed.
• Recommended panel thickness is 1 to
5 mm.
• Group mounting is not possible in the
vertical direction. (Maintain the specified
mounting space between Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof packing
onto the Controller.
• When two or more Controllers are
mounted, make sure that the surrounding
temperature does not exceed the
allowable operating temperature
specified in the specifications.
48
× 48
6
14.2
58
44.8
× 44.8
70.5
(84.7)
Mounting Adapter
(Accessory)
45
+0.6
0
45
+0.6
0
45
+0.6
0
60 min.
(48
× number of units − 2.5)
+1.0
0
Panel Cutout
Mounted Separately
Group Mounted
E5CN-U
Plug-in Models
• Recommended panel thickness is 1 to 5
mm.
• Group mounting is not possible in the
vertical direction. (Maintain the specified
mounting space between Controllers.)
• When two or more Controllers are
mounted, make sure that the surrounding
temperature does not exceed the
allowable operating temperature specified
in the specifications.
(2,100)
250
1,765
USB connector (type A plug)
Serial connector
LED indicator (RD)
LED indicator (SD)
E58-CIFQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com