Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2LU Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CN-R2LU
Description  Basic-type Digital Temperature Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2LU Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CN-R2LU Datasheet HTML 1Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
E5CN/E5CN-U
Model Number Structure
Model Number Legend (Plug-in-type Controllers)
1. Output Type
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
2. Number of Alarms
Blank: No alarm
1: One alarm
2: Two alarms
3. Input Type
T: Universal thermocouple/platinum resistance thermometer
L: Analog Input
4. Plug-in type
U: Plug-in type
Ordering Information
Plug-in-type Controllers
Note: Models with analog inputs do not have temperature unit indicators.
1 234
E5CN-
@@@U
Size
Case color
Power supply
voltage
Input type
Auxiliary outputs
Control output 1
Model
1/16 DIN
Black
100 to 240 VAC
Thermocouple or
resistance
thermometer
None
Relay output
E5CN-RTU
Voltage output (for driving SSR) E5CN-QTU
Current output
E5CN-CTU
1
Relay output
E5CN-R1TU
Voltage output (for driving SSR) E5CN-Q1TU
Current output
E5CN-C1TU
2
Relay output
E5CN-R2TU
Voltage output (for driving SSR) E5CN-Q2TU
Current output
E5CN-C2TU
Analog
(current/voltage)
1
Relay output
E5CN-R1LU
Voltage output (for driving SSR) E5CN-Q1LU
Current output
E5CN-C1LU
2
Relay output
E5CN-R2LU
Voltage output (for driving SSR) E5CN-Q2LU
Current output
E5CN-C2LU
24 VAC/VDC
Thermocouple or
resistance
thermometer
None
Relay output
E5CN-RTDU
Voltage output (for driving SSR) E5CN-QTDU
Current output
E5CN-CTDU
1
Relay output
E5CN-R1TDU
Voltage output (for driving SSR) E5CN-Q1TDU
Current output
E5CN-C1TDU
2
Relay output
E5CN-R2TDU
Voltage output (for driving SSR) E5CN-Q2TDU
Current output
E5CN-C2TDU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com