Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2LU Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CN-R2LU
Description  Basic-type Digital Temperature Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2LU Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CN-R2LU Datasheet HTML 1Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 2Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 3Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 4Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 5Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 6Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 7Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 8Page - Omron Electronics LLC E5CN-R2LU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
E5CN/E5CN-U
2
Lineup
Note: Models with one control output and one or two auxiliary outputs and models with two control outputs can be used for heating/cooling control.
Model Number Structure
Model Number Legend
Controllers
1. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
Y: Long-life relay output (hybrid)
*1
2. Auxiliary Outputs
*2
Blank: None
2: Two outputs
3. Option
M: Option Unit can be mounted.
4. Input Type
T: Universal thermocouple/platinum resistance thermometer
L: Analog current/voltage input
5. Power Supply Voltage
Blank: 100 to 240 VAC
D: 24 VAC/VDC
6. Case Color
Blank: Black
W: Silver
7. Terminal Cover
-500: With terminal cover
Option Units
1. Applicable Controller
CN: E5CN or E5CN-H
2. Function 1
Blank: None
Q: Control output 2 (voltage for driving SSR)
P: Power supply for sensor
3. Function 2
Blank: None
H: Heater burnout/SSR failure/Heater overcurrent detection (CT1)
HH: Heater burnout/SSR failure/Heater overcurrent detection
(CT2)
B: Two event inputs
03: RS-485 communications
H03: Heater burnout/SSR failure/Heater overcurrent detection
(CT1) + RS-485 communications
HB: Heater burnout/SSR failure/Heater overcurrent detection
(CT1) + Two event inputs
HH03: Heater burnout/SSR failure/Heater overcurrent detection
(CT2) + RS-485 communications
4. Version
N2: Applicable only to models released after January 2008
Note: Not all combinations of function 1 and function 2 specifications are possible for Option Units (E53-
@@@@).
*1. Always connect an AC load to a long-life relay output. The output will not turn OFF if a DC load is connected because a triac is used for
switching the circuit. For details, check the conditions in Ratings.
*2. Auxiliary outputs are contact outputs that can be used to output alarms or results of logic operations.
Plug-in
Terminal block
E5CN
Basic Type
Analog input
Temperature input
2 control outputs
1 control output
2 control outputs
1 control output
0 or 2 auxiliary outputs
2 auxiliary outputs
0 or 2 auxiliary outputs
2 auxiliary outputs
Analog input
Temperature input
1 control output
1 control output
0, 1, or 2 auxiliary
outputs
0, 1, or 2 auxiliary
outputs
1 23 45
6
7
E5CN-
@@M@@-@-500
1
23 4
E53-CN
@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com