Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMJS4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # UMJS4
Description  Safety Mat/Safety Mat Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMJS4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  UMJS4 Datasheet HTML 1Page - Omron Electronics LLC UMJS4 Datasheet HTML 2Page - Omron Electronics LLC UMJS4 Datasheet HTML 3Page - Omron Electronics LLC UMJS4 Datasheet HTML 4Page - Omron Electronics LLC UMJS4 Datasheet HTML 5Page - Omron Electronics LLC UMJS4 Datasheet HTML 6Page - Omron Electronics LLC UMJS4 Datasheet HTML 7Page - Omron Electronics LLC UMJS4 Datasheet HTML 8Page - Omron Electronics LLC UMJS4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CSM_UM_MC3_DS_E_4_1
1
Safety Mat/Safety Mat Controller
UM/MC3
New Safety Mat That Is Easy to
Install and Maintain
• Meets Safety Category 3 (EN954-1) requirements when
used in combination with a dedicated controller.
• Simple connection allows multiple mats to be joined
together.
• A wide variety of mat sizes are available.
• Obtained EN1760-1 and EN954-1 (Cat.3) certification.
• Complies with North American safety standards,
including ANSI/RIA15.06-1999.
Model Number Structure
Model Number Legend
Safety Mat
Ordering Information
Safety Mat Controller
Safety Mat
Note: The actual lengths of the Safety Mat are 12 mm longer in both dimension A and dimension B.
Be sure to read the "Safety Precautions"
on page 10.
Safety outputs
Auxiliary outputs
Rated voltage
Terminal block type
Model
SPDT-NO
SPDT-NC
24 VDC
Screw terminals
MC3
Dimensions
Black
Yellow
A (mm)
B (mm)
Model
Model
300
300
UMM5-0300-0300
UMYM5-0300-0300
400
400
UMM5-0400-0400
UMYM5-0400-0400
500
250
UMM5-0500-0250
UMYM5-0500-0250
500
400
UMM5-0500-0400
UMYM5-0500-0400
500
500
UMM5-0500-0500
UMYM5-0500-0500
500
1500
UMM5-0500-1500
UMYM5-0500-1500
600
400
UMM5-0600-0400
UMYM5-0600-0400
750
250
UMM5-0750-0250
UMYM5-0750-0250
750
500
UMM5-0750-0500
UMYM5-0750-0500
750
750
UMM5-0750-0750
UMYM5-0750-0750
750
1500
UMM5-0750-1500
UMYM5-0750-1500
1000
500
UMM5-1000-0500
UMYM5-1000-0500
1000
750
UMM5-1000-0750
UMYM5-1000-0750
1000
1000
UMM5-1000-1000
UMYM5-1000-1000
1000
1250
UMM5-1000-1250
UMYM5-1000-1250
1000
1500
UMM5-1000-1500
UMYM5-1000-1500
A
B
UM
@@@-@-@
– – –––
12 3
4
5
1. Color
None : Black
Y
: Yellow
2. Unit of Length
None : Inch
M
: Millimeter
4. Safety Mat Dimension A
5. Safety Mat Dimension B
3. Cable Length
5: 5 m
10
: 10 m


Similar Part No. - UMJS4

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMJ-1106-R14-G RFMD-UMJ-1106-R14-G Datasheet
260Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-1109-D14-G RFMD-UMJ-1109-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-123-D14-G RFMD-UMJ-123-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-410-D14-G RFMD-UMJ-410-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-498-D14-G RFMD-UMJ-498-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
More results

Similar Description - UMJS4

ManufacturerPart #DatasheetDescription
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
HOUSING MAT: FILLED POLYESTER
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
HOUSIN MAT: THERMOPLASTIC GLASS FILLED
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
Safety Network Controller
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
Insulated Silicone Soldering Mat
4??0??8
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com