Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMJS4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # UMJS4
Description  Safety Mat/Safety Mat Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMJS4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  UMJS4 Datasheet HTML 1Page - Omron Electronics LLC UMJS4 Datasheet HTML 2Page - Omron Electronics LLC UMJS4 Datasheet HTML 3Page - Omron Electronics LLC UMJS4 Datasheet HTML 4Page - Omron Electronics LLC UMJS4 Datasheet HTML 5Page - Omron Electronics LLC UMJS4 Datasheet HTML 6Page - Omron Electronics LLC UMJS4 Datasheet HTML 7Page - Omron Electronics LLC UMJS4 Datasheet HTML 8Page - Omron Electronics LLC UMJS4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UM/MC3
4
Installation
Using Trim Pieces
Ramp Trim with Yellow PVC Cover: UMRT4/UMRT8
Secures the edges of the Safety Mats to the floor.
It is composed of two parts with an aluminum base and a PVC Cover.
Joining Trim: UMJS4/UMJS8
The Joining Trims join the Safety Mats when two or more Safety Mats
are being combined.
In addition to joining the Safety Mats, the Joining Trims preserve the
Safety Mat's sensitivity at the joints.
Aluminum Ramp Trim: UMAL
Secures the edges of the Safety Mat to the floor.
The Aluminum Ramp Trim is hollow, so cable can be routed through
it.
Molded Outside Corner: UMOC
Used together with the Ramp Trim with Yellow PVC Cover (UMRT4/
UMRT8) to secure the external corners of the Safety Mats to the floor.
Molded Inside Corner: UMIC
Used together with the Ramp Trim with Yellow PVC Cover (UMRT4/
UMRT8) to secure the internal corners of the Safety Mats to the floor.
Note: 1. The Aluminum Ramp Trim or Ramp Trim with Yellow PVC
Cover must be cut to fit the size of the Safety Mats being
used.
Furthermore, when the Safety Mat's wiring is being routed
through the Aluminum Ramp Trim or Ramp Trim with Yellow
PVC Cover, it will be necessary to cut or notch the
Aluminum Ramp Trim or Ramp Trim with Yellow PVC Cover
for cable access.
Refer to the Safety Mat Instruction Sheet for details on
cutting or notching the Aluminum Ramp Trim or Ramp Trim
with Yellow PVC Cover.
2. The Joining Trim must be cut to fit the size of the Safety
Mats being used.
3. The Ramp Trim with Yellow PVC Cover and Molded Corner
must be anchored to the floor to secure the Safety Mats. It
is also necessary to drill holes in the Trim to anchor it.
Refer to the Safety Mat Instruction Sheet for details on
drilling holes in the Trim and Molded Corner and anchoring
it to the floor.
Safety Mat Configuration
The Safety Mats are secured by anchoring the Ramp Trim with Yellow
PVC Cover and Molded Corner to the floor.
Before ordering, confirm the number of Ramp Trim with Yellow PVC
Cover and Molded Corner pieces that will be needed.
Example 1: Using a Single Safety Mat
In this case, the perimeter of the Safety Mat is about 4 m and the
following pieces are required:
The example above consists of the following components:
UMYM5-1000-1000 Safety Mat
: 1 piece
UMRT4 Ramp Trim with Yellow PVC Cover (1.22 m) : 4 pieces
UMOC Molded Outside Corner
: 4 pieces
Example 2: Using three Safety Mats
In this case, the perimeter of the Safety Mat is about 8 m, the joint
between the Safety Mats is 2-m long, and the following pieces are
required:
The example above consists of the following components:
UMYM5-1000-1000 Safety Mat
: 3 pieces
UMRT4 Ramp Trim with Yellow PVC Cover (1.22 m) : 8 pieces
UMJS4 Joining Trim (1.22 m)
: 2 pieces
UMOC Molded Outside Corner
: 5 pieces
UMIC Molded Inside Corner
: 1 piece
UMYM5-1000-1000
UMOC
UMRT4
UMOC
UMRT4
UMOC
UMOC
UMIC
UMJS4
UMYM5-1000-1000
UMYM5-1000-1000
UMYM5-1000-1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com