Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMJS4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # UMJS4
Description  Safety Mat/Safety Mat Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

UMJS4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  UMJS4 Datasheet HTML 1Page - Omron Electronics LLC UMJS4 Datasheet HTML 2Page - Omron Electronics LLC UMJS4 Datasheet HTML 3Page - Omron Electronics LLC UMJS4 Datasheet HTML 4Page - Omron Electronics LLC UMJS4 Datasheet HTML 5Page - Omron Electronics LLC UMJS4 Datasheet HTML 6Page - Omron Electronics LLC UMJS4 Datasheet HTML 7Page - Omron Electronics LLC UMJS4 Datasheet HTML 8Page - Omron Electronics LLC UMJS4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UM/MC3
2
Trims
Note: Screws (No. 8
✕ 32 mm) and anchors (12 each) are included with each Trim.
Accessories
Note: For trims and accessories required for the Safety Mat system configuration, see "Installation" on page 4.
Appearance
Name
Model
Remarks
Ramp Trim with Yellow PVC
Cover (1.22 m)
UMRT4
Installed on the perimeter of the Safety Mat. Each
Trim is composed of two parts, an aluminum base
and a PVC Cover. Possible to install cables in-
side.
Ramp Trim with Yellow PVC
Cover (2.44 m)
UMRT8
Joining Trim (1.22 m)
UMJS4
The Joining Trims join the Safety Mats when two
or more Safety Mats are being combined. In addi-
tion to joining the Safety Mats, the Joining Trims
preserve the Safety Mat's sensitivity at the joints.
Joining Trim (2.44 m)
UMJS8
Aluminum Ramp Trim
(2.44 m)
UMAL
Installed on the perimeter of the Safety Mat.
Molded Outside Corner
UMOC
Installed at the outside corners of the Safety Mat
combining with Ramp Trims with Yellow PVC
Cover.
Molded Inside Corner
UMIC
Installed at the inside corners when two or more
Safety Mats combining with Ramp Trims with Yel-
low PVC Cover are being combined.
Appearance
Name
Model
Remarks
Distribution Box
(for six mats)
UMDB-6
Used to connect to two or more Safety Mats to the
single MC3 Safety Mat Controller.
Waterproof Cover
XS2Z-22
Used to protect the unused connectors of
UMDB-6.
Y Connector
UM-Y-2-1
Used to connect two Safety Mats to the single
MC3 Safety Mat Controller.
Panel-mount Connector
UMPMC
Distributes to individual lines to connect the Safe-
ty Mat to a MC3 Safety Mat Controller.
Extension Cable (3 m)
UMEC-03
This cable is used to extend a cable, or to connect
the UMPMC to the UMDB-6.
Extension Cable (5 m)
UMEC-05
Extension Cable (10 m)
UMEC-10
Extension Cable (15 m)
UMEC-15
Connector with cable
Socket on one cable end (1 m)
XS2F-D421-C80-A
Used to connect the UMDB-6 to the MC3 Safe-
ty Mat Controllers.
Connector with cable
Socket on one cable end (2 m)
XS2F-D421-D80-A
Connector with cable
Socket on one cable end (5 m)
XS2F-D421-G80-A
Connector with cable
Socket on one cable end (10 m)
XS2F-D421-J80-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com