Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191DFMG-7 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2191DFMG-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191DFMG-7 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2191DFMG-7 Datasheet HTML 8Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 9Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 10Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 11Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 12Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 13Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 14Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 15Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 1 - 2
12 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AP 21 X 1 D XX G - X
8 : Active Low
9 : Active High
G : Green
7/13 : Tape & Reel
1 : 1 Channel
Channel
Green
Package
Enable
Packing
W : SOT25
S : SO-8
MP : MSOP-8-EP
FM : DFN2018-6
M8 : MSOP-8
Device
Package
Code
Packaging
(Note 6)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP21X1DSG-13
S
SO-8
2500/Tape & Reel
-13
AP21X1DM8G-13
M8
MSOP-8
2500/Tape & Reel
-13
AP21X1DMPG-13
MP
MSOP-8-EP
2500/Tape & Reel
-13
AP21X1DWG-7
W
SOT25
3000/Tape & Reel
-7
AP21X1DFMG-7
FM
DFN2018-6
3000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SO-8
AP21X X D
( Top View )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
87
65
1
2
34
8 : Active Low
9 : Active High
1 : 1 Channel
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com