Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191DFMG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2191DFMG-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191DFMG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2191DFMG-7 Datasheet HTML 1Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 2Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 3Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 4Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 5Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 6Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 7Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 8Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 1 - 2
4 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25
oC, VIN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VUVLO
Input UVLO
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT= 0
0.5
1
μA
IQ
Input Quiescent Current
Enabled, IOUT= 0
45
70
μA
ILEAK
Input Leakage Current
Disabled, OUT grounded
0.1
1
μA
IREV
Reverse Leakage Current
Disabled, VIN= 0V, VOUT= 5V, IREV at VIN
0.1
1
μA
RDS(ON)
Switch on-resistance
VIN = 5V,
IOUT= 1.5A
TA = 25°C
SOT25, MSOP-8,
MSOP-8-EP, SO-8
95
115
m
Ω
DFN2018-6
90
110
-40
°C ≤ T
A ≤ 85°C
140
VIN = 3.3V,
IOUT= 1.5A
TA = 25°C
120
140
-40
°C ≤ T
A ≤ 85°C
170
ISHORT
Short-Circuit Current Limit
Enabled into short circuit, CL=120μF
2.0
A
ILIMIT
Over-Load Current Limit
VIN= 5V, VOUT= 4V, CL=120μF, -40°C ≤ TA ≤85°C
1.6
2.1
2.6
A
ITrig
Current limiting trigger threshold Output Current Slew rate (<100A/s) , CL=120μF
2.6
A
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input leakage
VEN = 5V
1
μA
TD(ON)
Output turn-on delay time
CL=1μF, Rload=10Ω
0.05
ms
TR
Output turn-on rise time
CL=1μF, Rload=10Ω
0.6
1.5
ms
TD(OFF)
Output turn-off delay time
CL=1μF, Rload=10Ω
0.05
ms
TF
Output turn-off fall time
CL=1μF, Rload=10Ω
0.05
0.1
ms
RFLG
FLG output FET on-resistance
IFLG =10mA
20
40
Ω
TBlank
FLG blanking time
CIN=10uF, CL=22μF
4
7
15
ms
TDIS
Discharge time
CL= 1μF, VIN = 5V, disabled to VOUT < 0.5V
0.6
ms
RDIS
Discharge resistance (Note 3)
VIN = 5V, disabled, IOUT= 1mA
100
Ω
TSHDN
Thermal Shutdown Threshold
Enabled, Rload=1kΩ
140
°C
THYS
Thermal Shutdown Hysteresis
25
°C
θJA
Thermal Resistance Junction-to-
Ambient
SOT25 (Note 4)
170
oC/W
SO-8 (Note 4)
127
MSOP-8 (Note 4)
118
MSOP-8-EP (Note 5)
67
DFN2018-6 (Note 5)
70
Notes:
3. The discharge function is active when the device is disabled (when enable is de-asserted). The discharge function offers a resistive discharge path
for the external storage capacitor.
4. Device mounted on FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
5. Device mounted on 2” x 2” FR-4 substrate PCB, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com