Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2191DFMG-7 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2191DFMG-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191DFMG-7 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2191DFMG-7 Datasheet HTML 9Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 10Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 11Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 12Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 13Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 14Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 15Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 16Page - Diodes Incorporated AP2191DFMG-7 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP2181D/AP2191D
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2181D/2191D
Document number: DS32251 Rev. 1 - 2
13 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information (Continued)
(2) MSOP-8
AP21X X D
( Top View )
Y W X
Part Number
Logo
87
6
5
1
23
4
8 : Active Low
9 : Active High
Y : Year : 0~9
A~Z : Green
1 : 1 Channel
A~Z : 27~52 week; Z represents
W : Week : a~z : 1~26 week;
52 and 53 week
(3) MSOP-8-EP
AP21X X D
( Top View )
Y W X E
Part Number
Logo
87
6
5
1
23
4
8 : Active Low
9 : Active High
Y : Year : 0~9
A~Z : Green
1 : 1 Channel
A~Z : 27~52 week; Z represents
W : Week : a~z : 1~26 week;
52 and 53 week
MSOP-8-EP
(4) SOT25
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
( Top View )
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Device
Package type
Identification Code
AP2181DW
SOT25
JE
AP2191DW
SOT25
JF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com