Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7335 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7335 Datasheet HTML 1Page - Diodes Incorporated AP7335 Datasheet HTML 2Page - Diodes Incorporated AP7335 Datasheet HTML 3Page - Diodes Incorporated AP7335 Datasheet HTML 4Page - Diodes Incorporated AP7335 Datasheet HTML 5Page - Diodes Incorporated AP7335 Datasheet HTML 6Page - Diodes Incorporated AP7335 Datasheet HTML 7Page - Diodes Incorporated AP7335 Datasheet HTML 8Page - Diodes Incorporated AP7335 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
5 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics
Start-Up Time
Time (40μs/div)
Start-Up Time
Time (40
μs/div)
Line Transient Response
Time (40
μs/div)
Line Transient Response
Time (40
μs/div)
VOUT=3.3V (1V/div)
with 300mA load
VEN=0 to 2V (1V/div)
VIN=5V
CIN=COUT=1μF
VOUT=3.3V (20mV/div)
IOUT=30mA (50mA/div)
VIN=4.3V to 5.3V (1V/div)
Tr=Tf=2
μs
CIN=none, COUT=1μF
VOUT=3.3V (20mV/div)
IOUT=300mA(200mA/div)
VIN=4.3V to 5.3V (1V/div)
Tr=Tf=2
μs
CIN=none, COUT=1μF
VEN=0 to 2V (1V/div)
VIN=5V
CIN=COUT=1μF
VOUT=3.3V (1V/div)
with no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com