Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7335 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7335 Datasheet HTML 1Page - Diodes Incorporated AP7335 Datasheet HTML 2Page - Diodes Incorporated AP7335 Datasheet HTML 3Page - Diodes Incorporated AP7335 Datasheet HTML 4Page - Diodes Incorporated AP7335 Datasheet HTML 5Page - Diodes Incorporated AP7335 Datasheet HTML 6Page - Diodes Incorporated AP7335 Datasheet HTML 7Page - Diodes Incorporated AP7335 Datasheet HTML 8Page - Diodes Incorporated AP7335 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
2 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1uF
VIN
VOUT
A P7335
A djustable O utput
1uF
IN
GND
EN
OUT
Enable
1uF
VIN
VOUT
AP7335
Fixed Output
Ω
≤
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
K
80
R
where
R
R
1
V
V
2
2
1
REF
OUT
Pin Descriptions
Pin
Name
Pin Number
Description
SOT25
(fixed)
SOT25
(adj)
DFN2020-6
(fixed)
DFN2020-6
(adj)
IN
1
1
3
3
Voltage input pin. Bypass to ground through at
least 1µF MLCC capacitor
GND
2
2
2
2
Ground
EN
3
3
1
1
Enable input, active high
ADJ
-
4
-
6
Output feedback pin
NC
4
-
5, 6
5
No connection
OUT
5
5
4
4
Voltage output pin. Bypass to ground through 1µF
MLCC capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com