Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7335 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7335 Datasheet HTML 7Page - Diodes Incorporated AP7335 Datasheet HTML 8Page - Diodes Incorporated AP7335 Datasheet HTML 9Page - Diodes Incorporated AP7335 Datasheet HTML 10Page - Diodes Incorporated AP7335 Datasheet HTML 11Page - Diodes Incorporated AP7335 Datasheet HTML 12Page - Diodes Incorporated AP7335 Datasheet HTML 13Page - Diodes Incorporated AP7335 Datasheet HTML 14Page - Diodes Incorporated AP7335 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
11 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended between IN and GND pins to decouple input power supply glitch and
noise. The amount of the capacitance may be increased without limit. This input capacitor must be located as
close as possible to the device to assure input stability and reduce noise. For PCB layout, a wide copper trace is
required for both IN and GND pins. A lower ESR capacitor type allows the use of less capacitance, while higher
ESR type requires more capacitance.
Output Capacitor
The output capacitor is required to stabilize and improve the transient response of the LDO. The AP7335 is stable
with very small ceramic output capacitors. Using a ceramic capacitor value that is at least 1
μF with ESR > 15mΩ
on the output ensures stability. Higher capacitance values help to improve line and load transient response. The
output capacitance may be increased to keep low undershoot and overshoot. Output capacitor must be placed as
close as possible to OUT and GND pins.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
Unstable Range
Stable Range
Unstable Range
VIN=4.3V
CIN=COUT=1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com