Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2221 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2221
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2221 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2221 Datasheet HTML 1Page - Princeton Technology Corp PT2221 Datasheet HTML 2Page - Princeton Technology Corp PT2221 Datasheet HTML 3Page - Princeton Technology Corp PT2221 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2221/2
PT2221/2 v 3.4
Page 4
Revised Oct. 2000
PT2222 APPLICATION CIRCUIT
KI
KI
KI
KI
KI
KI
KI
KI
0
1
2
3
4
5
6
7
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
KI/O
0
1
2
3
4
5
6
7
PT2222
OSCI
OSCO
V
LMP
REM
DD
SEL
Vss
CCS
455 KHz
200 pf
200 pf
3V
LED
470
IR
LED
1
+
10
F
16 V
For Custom Code
Selection
IN4148
100K
Note: The Vcc and Vss Terminals must be “SHORT” before the batteries are loaded to the
transmitter handset to insure that PT2222 Power On Reset Function will operate properly.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com