Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2221 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2221
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2221 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2221 Datasheet HTML 1Page - Princeton Technology Corp PT2221 Datasheet HTML 2Page - Princeton Technology Corp PT2221 Datasheet HTML 3Page - Princeton Technology Corp PT2221 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2221/2
PT2221/2 v 3.4
Page 2
Revised Oct. 2000
PIN CONFIGURATION
ORDER INFORMATION
Valid Part Number
Package
PT2221-001
20 Pins, SO
PT2221-002
20 Pins, SO
PT2222-001
24 Pins, SO
PT2222-002
24 Pins, SO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com