Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2221 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2221
Description  Infrared Remote Control Transmitter???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2221 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2221 Datasheet HTML 1Page - Princeton Technology Corp PT2221 Datasheet HTML 2Page - Princeton Technology Corp PT2221 Datasheet HTML 3Page - Princeton Technology Corp PT2221 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Infrared Remote Control Transmitter
PT2221/2
PT2221/2 v 3.4
Page 1
Revised Oct. 2000
DESCRIPTION
The PT2221 and PT2222 are remote control transmitters utilizing CMOS
Technology specially designed for use on infrared remote control applications.
They are pin-to-pin compatible with NEC
µPD6121 and µPD6122 respectively.
PT2221 is packaged in 20 pins SO and capable of controlling 32 functions and 3
double keys. PT2222, on the other hand, is housed in 24 pins SO and capable of
controlling 64 function keys and 3 double keys. PT2221/2 may be paired with
PT2225 to construct a powerful remote control system.
FEATURES
❒ CMOS Technology
❒ Low Power Consumption (V
DD=2.0
∼ 5.5V)
❒ Pin-to-Pin Compatible with µPD6121/µPD6122
❒ Using SEL pin, PT2221 can support 64+6 function codes
❒ Using SEL pin, PT2222 can support 128 + 6 function codes
❒ Customer Code can be selected (please contact PTC for details)
APPLICATIONS
❒ Audio Equipment
❒ Television (TV)
❒ Cable TV Tuner
❒ Video Cassette Recorder (VCR)
❒ Cassette Deck
❒ Air Conditioner
❒ Video Compact Disk (VCD)
❒ DVD ROM/Player
❒ Moniputer / Multi-Media Personal Computer System


Similar Part No. - PT2221

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2221M-001 PTC-PT2221M-001 Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2221M-001-D PTC-PT2221M-001-D Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2221M-002 PTC-PT2221M-002 Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
More results

Similar Description - PT2221

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2213 PTC-PT2213 Datasheet
63Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com