Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6VM2S Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6VM2S
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM2S Datasheet(HTML) 7 Page - Tyco Electronics

  6VM2S Datasheet HTML 1Page - Tyco Electronics 6VM2S Datasheet HTML 2Page - Tyco Electronics 6VM2S Datasheet HTML 3Page - Tyco Electronics 6VM2S Datasheet HTML 4Page - Tyco Electronics 6VM2S Datasheet HTML 5Page - Tyco Electronics 6VM2S Datasheet HTML 6Page - Tyco Electronics 6VM2S Datasheet HTML 7Page - Tyco Electronics 6VM2S Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
130
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
Case Dimensions
AB
C
D
E
F
G
Part No.
(max)
±0.01
(max) (max) (max)
±0.038
3EXM1S
4.17
3.62
1.14
3.22
1.72
3.28 3.3
3EZM1S
105.9 91.9
29.0
81.8
43.7
83.8 83.8
3EXM4
3.88
3.32
1.14
2.92
1.72
2.98 2.99
3EZM4
98.6
84.3
29.0
74.2
43.7
75.7 75.9
3EXM4S
4.65
4.1
1.14
3.72
1.72
3.76 3.8
3EZM4S
118.1 104.1
29.0
94.5
43.7
95.5 96.5
5EFM1
3.39
2.84
1.14
2.44
2.19
2.5
—
5EHM1
86.1
72.1
29.0
62.0
55.6
63.5
5EFM1C
2.56
—
1.14
2.44
2.19
2.49
—
65.0
29.0
62.0
55.6
63.2
5EFM1S
4.17
3.62
1.14
3.22
2.19
3.28
—
5EHM1S
105.9 91.9
29.0
81.8
55.6
83.3
5EFM1SC
3.34
—
1.14
3.27
2.19
3.27
—
84.8
29.0
83.1
55.6
83.1
5EFM4
3.88
3.32
1.14
2.92
2.19
2.98
—
5EHM4
98.6
84.3
29.0
74.2
55.6
75.7
5EFM4C
3.04
—
1.14
2.92
2.19
2.97
—
77.2
29.0
74.2
55.6
75.4
5EFM4S
4.65
4.1
1.14
3.7
2.19
3.76
—
5EHM4S
118.1 104.1
29.0
94.0
55.6
95.5
5EFM4SC
3.82
—
1.14
3.7
2.19
3.75
—
97.0
29.0
94.0
55.6
95.3
6VM1
3.39
2.84
1.14
2.44
1.45
2.5
86.1
72.1
29.0
62.0
36.8
63.5
6VM1C
2.56
—
1.14
2.44
1.45
2.5
86.1
29.0
62.0
36.8
63.2
6VM1S
4.17
3.62
1.14
3.22
1.45
3.28
105.9 91.9
29.0
81.8
36.8
83.3
6VM1SC
3.34
—
1.14
3.27
1.45
3.27
84.8
29.0
83.1
36.8
83.1
6VM2
3.88
3.32
1.14
2.92
1.45
2.98
6VM4
98.6
84.3
29.0
74.2
36.8
75.7
6VM4C
3.04
—
1.14
2.92
1.45
2.97
98.6
29.0
74.2
36.8
75.4
6VM2S
4.65
4.1
1.14
3.72
1.45
3.76
6VM4S
118.1 104.1
29.0
94.5
36.8
95.5
6VM4SC
3.82
—
1.14
3.7
1.45
3.75
97.0
29.0
94.0
36.8
95.3
5EFM4SC (IEC Connector, DPST On/Off Switch, Voltage
Selector, Selectable Fuseholder)
100V
120V
230V
240V
C
E
A
D
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
Recommended Panel Cutout
F
B
.170
Dia.
4.32
.175
4.45
0.13
R
3.30
.570
14.5
1.145
29.08
1.88 + .020
47.8 + .508
1.13 + .020
28.7 + .508
1.17 + .020
29.7 + .508
*Blind insert
XM and ZM
Models only
*4S Models
*1S & 4 models
Holes (2)
Note: Snap-in models allow front mount only.
XM and ZM models allow back mount only.
FM and HM models allow front or back mounting.
Accessories for M series include interconnection assembly, medical standoff
bracket, voltage selector cards, and insulating shroud. See page 142.
All mounting holes countersunk.
Case Styles - Filtered Models (cont'd)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com