Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6VM2S Datasheet(PDF) 4 Page - Tyco Electronics

Part # 6VM2S
Description  Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM2S Datasheet(HTML) 4 Page - Tyco Electronics

  6VM2S Datasheet HTML 1Page - Tyco Electronics 6VM2S Datasheet HTML 2Page - Tyco Electronics 6VM2S Datasheet HTML 3Page - Tyco Electronics 6VM2S Datasheet HTML 4Page - Tyco Electronics 6VM2S Datasheet HTML 5Page - Tyco Electronics 6VM2S Datasheet HTML 6Page - Tyco Electronics 6VM2S Datasheet HTML 7Page - Tyco Electronics 6VM2S Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
127
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series
Power Entry Module with Optional RFI Power Line Filters for General and
Medical Applications (Continued)
Electrical Schematics - Filtered Models
FM & HM (1-Voltage)
FM & HM (4-Voltage)
Customer
Transformer Primaries
Neutral
Phase
Power On/Off
Note 4
Note 4
Note 3
Note 2
Note 1
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
K
K
L
20V
100V
120V
XM & ZM (1-Voltage)
XM & ZM (4-Voltage)
Neutral
Phase
Power On/Off
Note 2
Note 1
HB
JF
G
Neutral
Phase
Power On/Off
Note 1
Note 2
Note 4
Note 4
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
20V
100V
120V
K
L
Customer
Transformer Primaries
Neutral
Phase
Power On/Off
Note 2
Note 3
Note 1
HB
J
F
G
Recommended Panel Cutout (Snap-In Only)
Case Styles – Unfiltered Models
6VM1 (IEC Connector, Selectable Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
6VM1C (IEC Connector, Selectable Fuseholder, Snap-in)
C
E
A
D
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
6VM1S (IEC Connector, DPST On/Off Switch, Selectable
Fuseholder)
C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
6VM1SC (IEC Connector, DPST On/Off Switch,
Selectable Fuseholder, Snap-In)
C
E
A
D
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
F
0.13
R
3.30
1.145
29.08
Typical dimensions:
Mounting Holes: .155 [3.94] Dia. (2) with .279 [7.09] Dia. x 82˚ Countersunk.
All mounting holes countersunk.
Panel Thickness: .06 - .09 [1.53 -2.29]
Note 1: Provision for dual fusing (Euro standard)
Note 2: Power on/off switch with suffix "S" only
Note 3: HM models without line-to-ground capacitors
Note 4: Models HM4, FM4, XM4, and ZM4 have added terminals K and L.
External switch or jumper must be placed from K to H and L to J.
230V Nomenclature relates to pending European CENELEC agreement.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com